Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AMA Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMA
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMA Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 7 of 111
APRIL 2006 – Revision 1.1
10.1
GPIO CONTROL REGISTERS............................................................................................... 70
10.2
SECONDARY CLOCK CONTROL........................................................................................ 70
10.3
LIVE INSERTION ................................................................................................................... 72
11
PCI POWER MANAGEMENT .......................................................................... 72
12
RESET ................................................................................................................... 73
12.1
PRIMARY INTERFACE RESET ............................................................................................ 73
12.2
SECONDARY INTERFACE RESET...................................................................................... 74
12.3
CHIP RESET............................................................................................................................ 74
13
SUPPORTED COMMANDS............................................................................... 74
13.1
PRIMARY INTERFACE ......................................................................................................... 74
13.2
SECONDARY INTERFACE................................................................................................... 76
14
CONFIGURATION REGISTERS...................................................................... 77
14.1
CONFIGURATION REGISTER ............................................................................................. 77
14.1.1
VENDOR ID REGISTER – OFFSET 00h......................................................................... 78
14.1.2
DEVICE ID REGISTER – OFFSET 00h .......................................................................... 78
14.1.3
COMMAND REGISTER – OFFSET 04h .......................................................................... 78
14.1.4
STATUS REGISTER – OFFSET 04h ................................................................................ 79
14.1.5
REVISION ID REGISTER – OFFSET 08h ...................................................................... 80
14.1.6
CLASS CODE REGISTER – OFFSET 08h....................................................................... 80
14.1.7
CACHE LINE SIZE REGISTER – OFFSET 0Ch ............................................................ 80
14.1.8
PRIMARY LATENCY TIMER REGISTER – OFFSET 0Ch ........................................... 80
14.1.9
HEADER TYPE REGISTER – OFFSET 0Ch................................................................... 81
14.1.10
PRIMARY BUS NUMBER REGISTSER – OFFSET 18h............................................ 81
14.1.11
SECONDARY BUS NUMBER REGISTER – OFFSET 18h ........................................ 81
14.1.12
SUBORDINATE BUS NUMBER REGISTER – OFFSET 18h.................................... 81
14.1.13
SECONDARY LATENCY TIMER REGISTER – OFFSET 18h .................................. 81
14.1.14
I/O BASE REGISTER – OFFSET 1Ch.......................................................................... 81
14.1.15
I/O LIMIT REGISTER – OFFSET 1Ch ........................................................................ 82
14.1.16
SECONDARY STATUS REGISTER – OFFSET 1Ch................................................... 82
14.1.17
MEMORY BASE REGISTER – OFFSET 20h .............................................................. 83
14.1.18
MEMORY LIMIT REGISTER – OFFSET 20h............................................................. 83
14.1.19
PEFETCHABLE MEMORY BASE REGISTER – OFFSET 24h ................................ 83
14.1.20
PREFETCHABLE MEMORY LIMIT REGISTER – OFFSET 24h ............................ 84
14.1.21
PREFETCHABLE MEMORY BASE ADDRESS UPPER 32-BITS REGISTER –
OFFSET 28h ....................................................................................................................................... 84
14.1.22
PREFETCHABLE MEMORY LIMIT ADDRESS UPPER 32-BITS REGISTER –
OFFSET 2Ch....................................................................................................................................... 84
14.1.23
I/O BASE ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h .......................... 84
14.1.24
I/O LIMIT ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h......................... 85
14.1.25
ECP POINTER REGISTER – OFFSET 34h................................................................. 85
14.1.26
INTERRUPT LINE REGISTER – OFFSET 3Ch ......................................................... 85
14.1.27
INTERRUPT PIN REGISTER – OFFSET 3Ch............................................................ 85
14.1.28
BRIDGE CONTROL REGISTER – OFFSET 3Ch ....................................................... 85
14.1.29
DIAGNOSTIC / CHIP CONTROL REGISTER – OFFSET 40h.................................. 87
14.1.30
ARBITER CONTROL REGISTER – OFFSET 40h...................................................... 88
14.1.31
EXTENDED CHIP CONTROL REGISTER – OFFSET 48h....................................... 88
14.1.32
UPSTREAM MEMORY CONTROL REGISTER – OFFSET 48h ............................... 89
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com