Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1708DFT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDE1708DFT
Description  Intelligent power switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1708DFT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDE1708DFT Datasheet HTML 2Page - STMicroelectronics TDE1708DFT Datasheet HTML 3Page - STMicroelectronics TDE1708DFT Datasheet HTML 4Page - STMicroelectronics TDE1708DFT Datasheet HTML 5Page - STMicroelectronics TDE1708DFT Datasheet HTML 6Page - STMicroelectronics TDE1708DFT Datasheet HTML 7Page - STMicroelectronics TDE1708DFT Datasheet HTML 8Page - STMicroelectronics TDE1708DFT Datasheet HTML 9Page - STMicroelectronics TDE1708DFT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical specifications
TDE1708DFT
6/14
2.3
Electrical characteristics
Table 4.
Electrical characteristics
(VS = 24V ; TJ = - 25 to +85°C unless otherwise specified).
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Vs
Supply voltage
6
48
V
Isr
Supply reverse current
VSR = –48V
1.5
mA
Iq
Quiescent current
Ireg = Iled = 0; Vi < 2V;
VS = 6 to 48V
1.5
mA
Io
Output current
Vs = 6V to 48V
250
mA
Vsat
Output voltage drop
Io = 200mA
11.5
V
ISCLS
Short circuit current in Low
side configuration
0.3
0.4
0.6
A
ISCHS
Short circuit current in High
side configuration
0.25
0.3
0.40
A
Vcl
Internal voltage clamp
ICL = 10mA
55
70
V
Iolk
Output leakage
(Pin 2)
Vi < 2V; Vo = 0 to Vs (Pin 8)
100
300
100
µA
µA
Vith
Input voltage threshold
2
3
V
Vihis
Input threshold hysteresis
300
mV
Ilk
Input current
Vi = 5V
25
µA
Vreg
Regulated output voltage
Ireg < 5mA
4.555.5
V
Iscr
Short circuit regulated
6
30
50
mA
Ireg
Output regulator current
Vs = 35V
Vs = 48V
6
4
mA
mA
Iold
Current source sink led
driver
Output ON (
±)2
3
4
mA
Vold
Voltage drop led driver
Ios = 2mA (±)
1.2
1.6
V
Oldlk
LED driver (off) Leak.
Vi < 2V; RL < 1KΩ
10
µA
Idch
Del. cap. charge current
TJ = 25°C
24
6
µA
Vdth
Delay voltage trigger
4
V
TTSD
Thermal shutdown
temperature
180
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com