Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV341IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # LMV341IDBVT
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV341IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV341IDBVT Datasheet HTML 10Page - Texas Instruments LMV341IDBVT Datasheet HTML 11Page - Texas Instruments LMV341IDBVT Datasheet HTML 12Page - Texas Instruments LMV341IDBVT Datasheet HTML 13Page - Texas Instruments LMV341IDBVT Datasheet HTML 14Page - Texas Instruments LMV341IDBVT Datasheet HTML 15Page - Texas Instruments LMV341IDBVT Datasheet HTML 16Page - Texas Instruments LMV341IDBVT Datasheet HTML 17Page - Texas Instruments LMV341IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
f − Frequency − Hz
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
140
160
V+ = 5 V
Closed-Loop
Gain = 60 dB
RL = 600 Ω
RL = 2 kΩ
RL = 100 kΩ
RL = 2 kΩ
RL = 600 Ω
Gain
Phase
−20
0
20
40
60
80
100
120
140
RL = 100 kΩ
f − Frequency − Hz
1k
10k
100k
1M
10M
−80
−60
−40
−20
0
20
40
60
80
100
CL = 0 pF
CL = 100 pF
CL = 500 pF
CL = 1000 pF
V+ = 5 V
RL = 600 Ω
Closed-Loop Gain = 60 dB
CL = 1000 pF
CL = 0 pF
CL = 500 pF
Gain
Phase
−20
0
20
40
60
80
100
120
140
−40
CL = 100 pF
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
GAIN AND PHASE MARGIN
vs
FREQUENCY
(RL = 600 Ω, 2 kΩ, 100 kΩ)
Figure 23.
GAIN AND PHASE MARGIN
vs
FREQUENCY
(CL = 0 pF, 100 pF, 500 pF, 1000 pF)
Figure 24.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com