Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMF2HDMI2BA-C Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PCMF2HDMI2BA-C
Description  Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF2HDMI2BA-C Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PCMF2HDMI2BA-C Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF2HDMI2BA-C Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF2HDMI2BA-C Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF2HDMI2BA-C Datasheet HTML 9Page - Nexperia B.V. All rights reserved PCMF2HDMI2BA-C Datasheet HTML 10Page - Nexperia B.V. All rights reserved PCMF2HDMI2BA-C Datasheet HTML 11Page - Nexperia B.V. All rights reserved PCMF2HDMI2BA-C Datasheet HTML 12Page - Nexperia B.V. All rights reserved PCMF2HDMI2BA-C Datasheet HTML 13Page - Nexperia B.V. All rights reserved PCMF2HDMI2BA-C Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Nexperia
PCMFxHDMI2BA-C series
Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
VCL (V)
0
8
6
2
4
aaa-029778
4
2
6
8
I
(A)
0
IEC61000-4-5; tp = 8/20 μs; positive pulse
Fig. 15. Dynamic resistance with positive clamping;
typical values
VCL (V)
-8
0
-2
-6
-4
aaa-029779
-4
-6
-2
0
I
(A)
-8
IEC61000-4-5; tp = 8/20 μs; negative pulse
Fig. 16. Dynamic resistance with negative clamping;
typical values
9. Application information
The device is designed to provide high-level ESD protection for differential high-speed data line
pairs such as HDMI2.1, HDMI2.0 and HDMI1.4.
When designing the Printed-Circuit Board (PCB), give careful consideration to impedance matching
and signal coupling. Do not connect the protected signal lines to unlimited current sources like, for
example, a battery.
PCMFXHDMI2BA_C_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 3 — 20 May 2020
10 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com