Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMF1USB30 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PCMF1USB30
Description  Common-mode EMI filter for differential channels with integrated ESD protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PCMF1USB30 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PCMF1USB30 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PCMF1USB30 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PCMF1USB30 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PCMF1USB30 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PCMF1USB30 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PCMF1USB30 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PCMF1USB30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PCMF1USB30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PCMF1USB30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
© Nexperia B.V. 2017. All rights reserved
PCMFXUSB30_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 01 April 2016
5 of 23
Nexperia
PCMFxUSB30 series
Common-mode EMI filter for differential channels with ESD protection
Fig 1.
Differential-mode insertion loss; typical values
Fig 2.
Common-mode insertion loss; typical values
tr = 200 ps
Fig 3.
Differential crosstalk; typical values
Fig 4.
Differential Time Domain Reflectometer (TDR)
plot; typical values
aaa-019777
-4
-6
-2
0
Sdd21
(dB)
-8
f (Hz)
107
1010
109
108
S21dd pin 5 - 6
S21dd pin 1 - 2
f (Hz)
107
1010
109
108
aaa-019778
-30
-20
-40
-10
0
Scc21
(dB)
-50
S21cc pin 5 - 6
S21cc pin 1 - 2
aaa-021982
-40
-60
-20
0
Sdd21
(db)
-80
f (Hz)
107
1011
1010
108
109
Mag S21dd A3 - A4 > C1 - C2
Mag S21dd A5 - A6 > C1 - C2
t (ns)
40.4
41.2
41.0
40.6
40.8
aaa-019779
95
105
115
Zdif
(Ω)
85
Z reference
Z DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com