Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7308FPWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308FPWR
Description  TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7308FPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX7308FPWR Datasheet HTML 35Page - Texas Instruments TMUX7308FPWR Datasheet HTML 36Page - Texas Instruments TMUX7308FPWR Datasheet HTML 37Page - Texas Instruments TMUX7308FPWR Datasheet HTML 38Page - Texas Instruments TMUX7308FPWR Datasheet HTML 39Page - Texas Instruments TMUX7308FPWR Datasheet HTML 40Page - Texas Instruments TMUX7308FPWR Datasheet HTML 41Page - Texas Instruments TMUX7308FPWR Datasheet HTML 42Page - Texas Instruments TMUX7308FPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The TMUX7308F and TMUX7309F are part of the fault protected switches and multiplexers family of devices.
The ability to protect downstream components from overvoltage events up to ±60 V makes these switches and
multiplexers suitable for harsh environments.
10.2 Typical Application
In analog input programmable logic controllers (PLC) a multiplexer is often used to switch multiple sensors
to a single ADC. By using a multiplexer, the number of components in the system can be reduced to save
system cost and size. In a PLC module a ±10 V input signal range is common for interfacing with external field
transmitters and sensors; however, there are a number of fault cases that may occur that can be damaging
to many of the integrated circuits. Such fault conditions may include, but are not limited to, human error from
wiring connections incorrectly, component failure or wire shorts, electromagnetic interference (EMI) or transient
disturbances, and so forth.
Sensors
LED
Photo
Detector
Thermocouple
Current Sensing
Optical Sensor
TMUX7308F
Gain / Filter
Network
ADS125H01
REF5025
5V
D
S1
S2
S3
S4
S5
S6
S7
S8
A0
A1
A2
GND
VSS
1.8V Logic
Signals
VDD
Bridge Sensor
ISO77xx
Signal
Processing
Power Module
PLC Analog
Input Module
V
GND
Supply
Fault
Protected
Mux Inputs
Figure 10-1. Typical Application
www.ti.com
TMUX7308F, TMUX7309F
SCDS403C – FEBRUARY 2021 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com