Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR5307S Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # PR5307S
Description  Single Color ?5 Flush Mount Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR5307S Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button PR5307S Datasheet HTML 25Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 26Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 27Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 28Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 29Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 30Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 31Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 32Page - List of Unclassifed Manufacturers PR5307S Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
5307S Series
Page 31
Single Color φ5 Flush Mount Round Shape Type
※The detail is described to LED and Photodetector handling precautions of home page:
"Mounting through-hole Type Devices“ and "Soldering", and use it after the confirmation, please.
TTW (Through The Wave) soldering Conditions
Solder Bath Temp.
Dipping Time
1) The dip soldering process shall be 2 times maximum.
2) The product shall be cooled to room temp. before the second dipping process.
Manual Soldering Conditions
Iron tip temp.
Soldering time and frequency
265℃
5 s
Pre-heating
100 ℃
(MAX.)
(MAX.)
(MAX.)
3 s
2 times
400℃
(MAX.)
(MAX.)
(MAX.)
※The detail is described to LED and Photodetector handling precautions of home page:
"Mounting through-hole Type Devices“ and "Soldering", and use it after the confirmation, please.
2006.3.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com