Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF4450 Datasheet(PDF) 2 Page - General Semiconductor

Part # GF4450
Description  N-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GF4450 Datasheet(HTML) 2 Page - General Semiconductor

  GF4450 Datasheet HTML 1Page - General Semiconductor GF4450 Datasheet HTML 2Page - General Semiconductor GF4450 Datasheet HTML 3Page - General Semiconductor GF4450 Datasheet HTML 4Page - General Semiconductor GF4450 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250
µA60
––
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
µA
2.0
––
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
––
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60V, VGS = 0V
––
1.0
µA
On-State Drain Current(2)
ID(on)
VDS
≥ 5V, VGS = 10V
20
––
A
Drain-Source On-State Resistance(2)
RDS(on)
VGS = 10V, ID = 7.5A
–
12
24
m
Ω
VGS = 6.0V, ID = 6.5A
–
14
30
Forward Transconductance(2)
gfs
VDS = 15V, ID = 7.5A
–
36
–
S
Dynamic
Total Gate Charge
Qg
–
65
91
Gate-Source Charge
Qgs
VDS = 30V, VGS = 10V
–
12
–
nC
Gate-Drain Charge
Qgd
ID = 7.5A
–
14
–
Turn-On Delay Time
td(on)
–
17
30
Rise Time
tr
VDD = 30V, RL = 30
Ω
–
13
20
Turn-Off Delay Time
td(off)
ID
≈ 1A, VGEN = 10V
–
78
117
ns
Fall Time
tf
RG = 6
Ω
–
31
40
Input Capacitance
Ciss
VGS = 0V
–
3147
–
Output Capacitance
Coss
VDS = 30V
–
283
–
pF
Reverse Transfer Capacitance
Crss
f = 1.0MHZ
–
140
–
Source-Drain Diode
Diode Forward Voltage
VSD
IS = 2.1A, VGS = 0V
–
0.71
1.2
V
Max. Diode Forward Current
IS
––
2.1
A
Notes: (1) Surface Mounted on FR4 Board, t
≤ 10s
(2) Pulse test; pulse width
≤ 300µs, duty cycle ≤ 2%
GF4450
N-Channel Enhancement-Mode MOSFET
G
D
S
VIN
VDD
VGEN
RG
RD
VOUT
DUT
Input, VIN
td(on)
Output, VOUT
ton
tr
td(off)
toff
tf
INVERTED
90%
10%
10%
90 %
50%
50%
10%
90%
PULSE WIDTH
Switching
Test Circuit
Switching
Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com