Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81504D Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # GMS81504D
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMS81504D Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button GMS81504D Datasheet HTML 35Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 36Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 37Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 38Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 39Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 40Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 41Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 42Page - List of Unclassifed Manufacturers GMS81504D Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
BRK Interrupt
Software interrupt can be invoked by BRK instruction,
which is the lowest priority order.
Interrupt vector address of BRK is shared with the
vector of TCALL0 (Refer to Program Memory Sec-
tion). When BRK interrupt is generated, B-flag of
PSW is set to distinguish BRK from TCALL0.
Each processing step is determined by B-flag as shown
below.
Multiple Interrupt
If two requests of different priority levels are received
simultaneously, the request of higher priority level is
serviced. If requests of the same priority level are
received simultaneously, an internal polling sequence
determines by hardware which request is serviced.
Hardware interrupt priority is shown in Page36.
However, multiple processing through software for
special features is possible. Generally when an inter-
rupt is accepted, the I-flag is cleared to disable any
further interrupt. But as user set I-flag in interrupt
routine, some further interrupt can be serviced even if
certain interrupt is in progress.
B-FLAG
RETI
BRK or
TCALL0
BRK
INTERRUPT
ROUTINE
TCALL0
ROUTINE
RET
= 0
= 1
Figure 31. Execution of BRK/ TCALL0
MOV IENH,#80H
MOV IENL,#00H
EI
RETI
Occur
TIMER 0 INTERRUPT
INT0
ROUTINE
RETI
MAIN
ROUTINE
TIMER 0
ROUTINE
MOV IENH,#FFH
MOV IENL,#FFH
INT 0
ROUTINE
In this example, the INT0 interrupt can be serviced without any
pending, even TIMER 0 is in progress.
Because of re-setting the interrupt enable registers IENH, IENL
and master enable flag "EI" in the Timer/Counter 0 routine.
Figure 32. Execution of Multi-Interrupt
HYUNDAI MicroElectronics
GMS81504
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com