Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC175 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC175
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC175 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC175 Datasheet HTML 1Page - Silicon Supplies 54HC175 Datasheet HTML 2Page - Silicon Supplies 54HC175 Datasheet HTML 3Page - Silicon Supplies 54HC175 Datasheet HTML 4Page - Silicon Supplies 54HC175 Datasheet HTML 5Page - Silicon Supplies 54HC175 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
www.siliconsupplies.com
Die Size (Unsawn)
2000 x 1450
79 x 57
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
High Speed CMOS Logic – 54HC175
Quad D-Type Flip-Flop Logic IC with Reset in bare die form
Rev 1.0
21/11/17
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Low Input Current: 1µA
High Noise Immunity Characteristics of CMOS
Operating Voltage Range: 2.0 to 6.0 V
Direct drop-in replacement for obsolete components
in long term programs.
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 54HC175 is fabricated using a 2.5µm 5V CMOS
process and consists of four D-Type flip–flops each
with separate D input and common Reset and Clock
inputs. The logic level present at the “D” input is
transferred to the Q output during the positive-going
transition of the clock pulse. Reset is clock
independent and is accomplished by a low level on the
Reset line. The device is useful for applications where
both the true and complement outputs are required
and the clock and master reset are common to all
storage elements.
Description
Ordering Information
Die Dimensions in µm (mils)
2000 (79)


Similar Part No. - 54HC175

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC175 SS-54HC175 Datasheet
792Kb / 6P
High Speed CMOS Logic
Rev 1.0 21/11/17
54HC175 SS-54HC175_V01 Datasheet
792Kb / 6P
High Speed CMOS Logic
Rev 1.0 21/11/17
More results

Similar Description - 54HC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com