Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54 Datasheet(PDF) 2 Page - Silicon Supplies

Part # BAT54
Description  30V 200mA Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BAT54 Datasheet(HTML) 2 Page - Silicon Supplies

  BAT54 Datasheet HTML 1Page - Silicon Supplies BAT54 Datasheet HTML 2Page - Silicon Supplies BAT54 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics T
J = 25°C unless otherwise stated
Absolute Maximum Ratings1 T
J = 25°C unless otherwise stated
Rev 1.1
13/07/23
30V 200mA Schottky Diode – BAT54
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive Peak Reverse Voltage
VRRM
30
V
DC Blocking Voltage
VR
30
V
DC Forward Current
IF
200
mA
Non-repetitive
Peak forward surge current
2
IFSM
600
mA
Power Dissipation
PD
290
mW
Operating Junction temperature
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-65 to 200
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Breakdown Voltage
3
VBR
IR = 10µA
30
-
-
V
IF = 0.1mA
-
-
0.24
IF = 1mA
-
-
0.32
IF = 10mA
-
-
0.40
IF = 30mA
-
-
0.50
Forward Voltage
3
VF
IF = 100mA
-
-
0.80
V
Reverse Leakage
3
IR
VR = 25V
-
-
2
µA
Total Capacitance
CT
VR = 1V, f = 1MHz
-
-
10
pF
Reverse Recovery Time
trr
IF = IR = 10mA,
IRR = 1.0mA, RL = 100Ω
-
-
5
ns
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Pulse Width = 1 second. 3. Pulse test; tp
≤ 300 μs
Typical Characteristics T
J = 25°C unless otherwise stated
FIGURE 2. Reverse Current Versus Reverse Voltage
FIGURE 1. Forward Voltage Characteristics
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com