Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42C Datasheet(PDF) 1 Page - Silicon Supplies

Part # TIP42C
Description  PNP Transistor Bare Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TIP42C Datasheet(HTML) 1 Page - Silicon Supplies

  TIP42C_V01 Datasheet HTML 1Page - Silicon Supplies TIP42C_V01 Datasheet HTML 2Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev 1.1
22/08/23
Bipolar Medium Power Transistor in bare die form
Complement to NPN TIP41C
PNP Transistor Bare Die, TIP42C
Features:
Die Dimensions in µm (mils)
2286 (99)
Collector current up to 6A
High switching speed
Improved hFE linearity
Solderable back metal
High Reliability tested grades for Military + Space
Ordering Information:
The following part suffixes apply:
No suffix - Commercial grade die
“H” – Hi-rel grade die + MIL-STD-38534 Class H LAT
“K” – Hi-rel grade die + MIL-STD-38534 Class K LAT.
LAT = Lot acceptance Test.
For information on Hi-Rel LAT flows please see below.
www.siliconsupplies.com\bare-die-lot-qualification
DIE BACK = COLLECTOR
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
With additional electrical selection – Specific request
Sawn as pairs or adjacent pair pick – Specific request
Die Size
(Excluding Saw Street)
2286 x 2032
99 x 80
µm
mils
Base Pad Size
Emitter Pad Size
12.5 x 42
13 x 48
mils
Die Thickness
318 (±25)
12.5 (±1)
µm
mils
Top Metal Composition
Al
Back Metal Composition
Ti/Ni/Ag
Page 1 of 2
www.siliconsupplies.com


Similar Part No. - TIP42C_V01

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
logo
Micro Commercial Compon...
TIP42C-BP MCC-TIP42C-BP Datasheet
143Kb / 2P
Silicon PNP Power Transistors
logo
JILIN SINO-MICROELECTRO...
TIP42C-O-C-N-B JSMC-TIP42C-O-C-N-B Datasheet
251Kb / 4P
Medium Power Linear Switching Applications
TIP42C-O-C-N-C JSMC-TIP42C-O-C-N-C Datasheet
251Kb / 4P
Medium Power Linear Switching Applications
logo
Unisonic Technologies
TIP42C-Q UTC-TIP42C-Q Datasheet
186Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - TIP42C_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
MPSA56 SS-MPSA56 Datasheet
920Kb / 4P
PNP Transistor Bare Die
BTP981 SS-BTP981 Datasheet
934Kb / 4P
PNP Transistor Bare Die
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
PNP Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
MPSA55 SS-MPSA55 Datasheet
1Mb / 4P
PNP Transistor Bare Die
SIS953 SS-SIS953 Datasheet
307Kb / 2P
PNP Transistor Bare Die
Rev 1.1 13/10/23
TIP127 SS-TIP127 Datasheet
210Kb / 2P
PNP Transistor Bare Die
Rev 1.0 19/12/23
TIP32C SS-TIP32C Datasheet
217Kb / 2P
PNP Transistor Bare Die
Rev 1.0 22/08/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com