Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P0076 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD75P0076
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0076 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD75P0076 Datasheet HTML 1Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 2Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 3Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 4Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 5Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 6Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 7Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 8Page - Renesas Technology Corp UPD75P0076 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
1995
DATA SHEET
The
µPD75P0076 replaces the µPD750068’s internal mask ROM with a one-time PROM and features expanded ROM
capacity.
Because the
µPD75P0076 supports programming by users, it is suitable for use in prototype testing for system
development using the
µPD750064, 750066, and 750068 products, and for use in small-lot production.
Detailed information about function is provided in the following user’s manual.
Be sure to read it before designing:
µPD750068 User’s Manual: U10670E
FEATURES
Compatible with
µPD750068
Memory capacity:
• PROM : 16384 x 8 bits
• RAM
: 512 x 4 bits
Can operate with same power supply voltage as the mask ROM version
µPD750068
VDD = 1.8 to 5.5 V
On-chip A/D converter capable of low-voltage operation (AVREF = 1.8 to 5.5 V)
8-bit resolution x 8 channels
Small shrink SOP package
ORDERING INFORMATION
Part Number
Package
µPD75P0076CU
42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD75P0076CU-A
42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD75P0076GT
42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
µPD75P0076GT-A
42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
Caution On-chip pull-up resistors by mask option cannot be provided.
Remark
Products with “-A” at the end of the part number are lead-free products.
µPD75P0076
MOS INTEGRATED CIRCUIT
4-BIT SINGLE-CHIP MICROCONTROLLER
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. U10232EJ1V1DS00 (1st edition)
Date Published August 2005 N CP (K)
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com