Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP00C711 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IP00C711
Description  Image Scaling Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP00C711 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IP00C711 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP00C711 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input Image Formats
• RGB 48-bit (2 pixels/clock) at 160 Mpixels/sec.
• RGB 24-bit (1 pixel/clock) at 90 Mpixels/sec.
• YUV4:2:2 (16 bits) at 80MHz
• Image size up to 2400 pixels horizontally with 1920
pixels of active video
• Interlaced or non-interlaced
• External synchronization (HSync, VSync, CLK)
Output Image Formats
• RGB 48-bit (2 pixels/clock) at 108 Mpixels/sec.
• RGB 24-bit or 30-bit (1 pixel/clock) at 70 Mpixels/sec.
• External or internal synchronization modes
Scaling
• Independent horizontal and vertical scaling ratios
• Programmable interpolation coefficients
• Non-linear scaling
• Keystone correction
• 16:9 to 4:3 conversion
Image Memory
• SDRAM or SGRAM external frame memory
• 48-bit wide memory bus
• 128 Mbytes of addressable image memory
• Direct access to image memory from the CPU
Frame Rate Conversion
• Asynchronous operation of the input and output ports
• Frame synchronization function to avoid frame tearing
Other Features
• 16-color OSD support
• Auto-detection of input image format
• Gamma correction
• Brightness and contrast adjustments
• YUV to RGB color conversion
• 10 to 8-bit conversion
• 8 to 6-bit conversion
CPU Interface
• 4-wire serial bus
Power Supply Voltage
• 3.3V single source
Package
• PQFP-256 pins (0.4 mm pitch)
IP00C711 Features



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com