Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD75P4308
Description  MOS INTEGRATED CIRCUIT
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P4308 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD75P4308 Datasheet HTML 5Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 6Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 7Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 8Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 9Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 10Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 11Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 12Page - Renesas Technology Corp UPD75P4308 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
µPD75P4308
7
Data Sheet U10909EJ2V1DS
3.1 Port Pins (2/2)
Pin name
I/O
Alternate
Function
8-bit
After
I/O Circuit
function
I/O
reset
typeNote
P60
I/O
KR0/D0
Yes
Input
<F>-A
P61
KR1/D1
P62
KR2/D2
P63
KR3/D3
P70
I/O
KR4
Input
<F>-A
P71
KR5
P72
KR6
P73
KR7
P80
I/O
—
No
Input
E-B
P81
—
Note Circuit types in brackets indicate the Schmitt trigger input.
4-bit I/O port (PORT7).
Connections of on-chip pull-up resistors are
software-specifiable in 4-bit units.
2-bit I/O port (PORT8).
Connections of on-chip pull-up resistors are
software-specifiable in 2-bit units.
Programmable 4-bit I/O port (PORT6).
Input and output can be specified in single-bit
units. Connections of on-chip pull-up resistors
are software-specifiable in 4-bit units.
Data input/output pin for program memory
(PROM) write/verify (lower 4 bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com