Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78P014 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 33Page - Renesas Technology Corp UPD78P014 Datasheet HTML 34Page - Renesas Technology Corp UPD78P014 Datasheet HTML 35Page - Renesas Technology Corp UPD78P014 Datasheet HTML 36Page - Renesas Technology Corp UPD78P014 Datasheet HTML 37Page - Renesas Technology Corp UPD78P014 Datasheet HTML 38Page - Renesas Technology Corp UPD78P014 Datasheet HTML 39Page - Renesas Technology Corp UPD78P014 Datasheet HTML 40Page - Renesas Technology Corp UPD78P014 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
35
µPD78P014
Test Conditions
VDD = 4.5 to 6.0 V
R = 1 k
Ω, C = 100 pFNote
R = 1 k
Ω,
VDD = 4.5 to 6.0 V
C = 100 pFNote
Symbol
tKCY5
tKH5
tKL5
tSIK5
tKSI5
tKSO5
Parameter
SCK cycle time
SCK high-level width
SCK low-level width
SB0, SB1 setup time (to SCK
↑)
SB0, SB1 hold time (from SCK
↑)
SB0, SB1 output delay time
from SCK
↓
When not
using the
external device
expansion
function
When using the external device
expansion function
When using the
16-bit timer
output function
When not using
the 16-bit timer
output function
Test Conditions
VDD = 4.5 to 6.0 V
R = 1 k
Ω,
VDD = 4.5 to 6.0 V
C = 100 pFNote
Symbol
tKCY6
tKH6
tKL6
tSIK6
tKSI6
tKSO6
Parameter
SCK cycle time
SCK high-level width
SCK low-level width
SB0, SB1 setup time (to SCK
↑)
SB0, SB1 hold time (from SCK
↑)
SB0, SB1 output delay time
from SCK
↓
(e)
2-wire serial I/O mode (SCK... Internal clock output)
Note R and C are the load resistance and load capacitance of the SCK0, SB0 and SB1 output line.
(f)
2-wire serial I/O mode (SCK... External clock input)
5
5
5
Note R and C are the load resistance and load capacitance of the SCK0, SB0 and SB1 output line.
MIN.
TYP.
MAX.
Unit
1600
ns
3800
ns
650
ns
800
ns
100
ns
tKCY6/2
ns
0
300
ns
0
1000
ns
SCK rise and fall times
tR6
tF6
ns
ns
ns
160
700
1000
MIN.
TYP.
MAX.
Unit
1600
ns
3800
ns
tKCY5/2 – 50
ns
tKCY5/2 – 50
ns
300
ns
600
ns
0
250
ns
0
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com