Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # DDR
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

DDR Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  DDR Datasheet HTML 1Page - ATTEND Technology Inc. DDR Datasheet HTML 2Page - ATTEND Technology Inc. DDR Datasheet HTML 3Page - ATTEND Technology Inc. DDR Datasheet HTML 4Page - ATTEND Technology Inc. DDR Datasheet HTML 5Page - ATTEND Technology Inc. DDR Datasheet HTML 6Page - ATTEND Technology Inc. DDR Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
DDR Series
FILE:
DDR Series_spec
DATE:
2013/01/04
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
Vibration
No electrical
discontinuity greater
than 1 µ second shall
occur.
Solder connectors on PCB and mate them
together, subject to the following vibration
conditions, for a period of 2 hours in each
of 3 mutually perpendicular axes, passing
DC 1mA current during test.
Amplitude: 1.52 mm P-P
Sweep Frequency.: 10 - 55 - 10 Hz /min
[MIL STD. 202F, Method 201A]
Shock
No electrical
discontinuity greater
than 1 μsec shall
occur.
Solder connectors on PCB and mate them
together, subject to the following shock
conditions, 3 shocks shall be period along
3 mutually perpendicular axes, passing DC
1mA current during the test.
(Total of 18 shocks)
Test Pulse :
Half sinusoidal-Peak 490 m/s2 (50G)
Duration: 11 msec.
[MIL STD. 202F, Method 213A]
ENVIRONMENTAL
Item
Requirement
Test Condition
Heat Resistance
Detrimental damage
affecting to the
performance shall not
occur.
Solder connectors on PCB and mate them
together, expose to 85±2℃ for 96hours.
Upon completion of the exposure period,
the test specimens shall be conditioned at
ambient room conditions for 1 to 2 hours,
after which the specified measurements
shall be performed.
[MIL STD. 202F, Method 108A]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com