Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVAS-402 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AVAS-402
Description  Medical VMS/Recorder and Computing Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AVAS-402 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AVAS-402 Datasheet HTML 1Page - Advantech Co., Ltd. AVAS-402 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
AVAS-402
Ordering Information
Part Number
Description
AVAS-402-MVAB-PA40
Video recorder :
4K+FHD/Core™ i7-9700E/16GB/1TB/PSU/Wi-Fi/BT
I/O
HDMI DP
USB 3.1 x 4
RS232 USB 2.0 x 4
PCle x 8
(By BOM option)
PCIe x 1
RJ45 x 2
PCIe x 4
PCIe x 16
AC 100-240V 500W
Earth ground
Audio in/out
USB 3.0 x 2
Optional Items
Part Number
Description
AVAS-OPAC-2003
Quadro RTX-A4000 16GB PCI-Ex16 DP*4
AVAS-OPAC-2014
1ch 4K HDMI (YUYV422) loop-out capture card
AVAS-OPAC-2015
2ch HDMI/DVI/VGA capture card
AVAS-OPAC-2017
1 Channel 4K60 HDMI2.0/DVI-DL/DP1.2 capture
card
AVAS-OPAC-2018
2 channel FHD DVI/HDMI capture card
1702002600
Power cord UL 3P 10A 125V 183cm
1702002605
Power cord EU 3P 10A 250V 183cm
Dimensions
Unit: mm
320
329.50
340.9
250
35
25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com