Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86957 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP86957
Description  Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86957 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP86957 Datasheet HTML 4Page - Monolithic Power Systems MP86957 Datasheet HTML 5Page - Monolithic Power Systems MP86957 Datasheet HTML 6Page - Monolithic Power Systems MP86957 Datasheet HTML 7Page - Monolithic Power Systems MP86957 Datasheet HTML 8Page - Monolithic Power Systems MP86957 Datasheet HTML 9Page - Monolithic Power Systems MP86957 Datasheet HTML 10Page - Monolithic Power Systems MP86957 Datasheet HTML 11Page - Monolithic Power Systems MP86957 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP86957
– INTELLI-PHASETM SOLUTION IN 5MMX6MM LGA
MP86957 Rev. 1.1
www.MonolithicPower.com
8
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
Efficiency and Loss
VIN = 12V, L = 150nH, fSW = 500kHz
VDD UVLO
EN_HI
PWM_LO
PWM_HI
0
2
4
6
8
10
12
14
16
18
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
0
5 10 15 20 25 30 35 40 45 50 55 60
OUTPUT CURRENT (A)
MP86957 (1.2V)
MP86957 (1.8V)
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-50
0
50
100
150
TEMPERATURE (
℃)
VDD rising
VDD falling
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-50
0
50
100
150
TEMPERATURE (
℃)
EN_Hi rising
EN_Hi falling
0.5
0.7
0.9
1.1
1.3
1.5
-50
0
50
100
150
TEMPERATURE (
℃)
PWM_Lo rising
PWM_Lo falling
1.8
1.9
2
2.1
2.2
2.3
-50
0
50
100
150
TEMPERATURE (
℃)
PWM_Hi rising
PWM_Hi falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com