37 / 78 page

NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
37
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Write to Read: Interrupting (CAS Latency = 2; Burst Length = 8)
T1
T2
T3
T4
T5
T6
tDQSS (max)
Maximum DQSS
NOP
NOP
NOP
Read
Write
NOP
DI a-b = data in for bank a, column b.
An interrupted burst is shown, 4 data elements are written.
3 subsequent elements of data in are applied in the programmed order following DI a-b.
tWTR is referenced from the first positive CK edge after the last data in pair.
The Read command masks the last 2 data elements in the burst.
A10 is Low with the Write command (Auto Precharge is disabled).
The Read and Write commands are not necessarily to the same bank.
DIa- b
CK
CK
Command
Address
DQS
DQ
DM
Don’t Care
BAa, COL b
BAa, COL n
tWTR
CL = 2
T1
T2
T3
T4
T5
T6
Minimum DQSS
NOP
NOP
NOP
Read
Write
NOP
CK
CK
Command
Address
BAa, COL b
BAa, COL n
tWTR
DI a-b
DQS
DQ
DM
CL = 2
tDQSS (min)
1 = These bits are incorrectly written into the memory array if DM is low.
1
1
1
1