Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD4V0Z2BCDF Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PESD4V0Z2BCDF
Description  Extremely low clamping low capacitance ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4V0Z2BCDF Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PESD4V0Z2BCDF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDF Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDF Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Nexperia
PESD4V0Z2BCDF
Extremely low clamping low capacitance ESD protection
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8013
- - -
sot8013_po
19-08-06
19-08-29
Unit(1)
mm
max
nom
min
0.275 0.03
0.350 0.650
0.12
0.03 0.05
A
Dimensions (mm are the original dimensions)
Note
1. Device is electrically symmetrical
DFN0603-3; plastic, ultra small and leadless full encapsulated package;
3 terminals; 0.225 mm pitch; 0.63 mm x 0.33 mm x 0.25 mm body
SOT8013
A1
A1
A
b
0.27
D
E
e
L
w
0.04
y
y1
0.225
0.225
0.305 0.605
0.08
0.23
0
scale
0.5 mm
C
B
E
D
seating plane
b
(3x)
L
(3x)
e
C
y1
A
C
y
A
C
B
w
e
Fig. 12. Package outline DFN0603-3 (SOT8013)
PESD4V0Z2BCDF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
17 August 2020
8 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com