Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN52D0LT Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMN52D0LT
Description  50V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN52D0LT Datasheet(HTML) 7 Page - Diodes Incorporated

  DMN52D0LT Datasheet HTML 1Page - Diodes Incorporated DMN52D0LT Datasheet HTML 2Page - Diodes Incorporated DMN52D0LT Datasheet HTML 3Page - Diodes Incorporated DMN52D0LT Datasheet HTML 4Page - Diodes Incorporated DMN52D0LT Datasheet HTML 5Page - Diodes Incorporated DMN52D0LT Datasheet HTML 6Page - Diodes Incorporated DMN52D0LT Datasheet HTML 7Page - Diodes Incorporated DMN52D0LT Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DMN52D0LT
Document number: DS44860 Rev. 2 - 2
7 of 8
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DMN52D0LT
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT523
SOT523
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.60
0.80
0.75
A3
0.45
0.65
0.50
b
0.15
0.30
0.22
c
0.10
0.20
0.12
D
1.50
1.70
1.60
E
1.45
1.75
1.60
E1
0.75
0.85
0.80
e
0.50 BSC
e1
0.90
1.10
1.00
L
0.20
0.40
0.33
a
0
°
--
8
°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT523
Dimensions
Value
(in mm)
C
1.29
X
0.40
X1
0.70
Y
0.51
Y1
1.80
E1
E
b
e1
D
A3
e
A2
A1
L
c
a
Y1
X
Y
X1
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com