Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2170352 Datasheet(PDF) 1 Page - Lapp.

Part # 2170352
Description  UNITRONIC® BUS FF 2 @ 1X2X1.1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170352 Datasheet(HTML) 1 Page - Lapp.

  2170352 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2170352
DATA SHEET
valid from:
01.02.2019
1X2X1.1
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170352EN
Version:
3
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
FOUNDATION Fieldbus cable for use in Process Automation - UL-verified
Used in intrinsically safe areas, especially in the field of Process Automatio. UL/CSA-approval.
This cable has an armouring which provides a safe solution taking mechanical stress etc. into account.
Temperature range from -40 °C up to +105°C
Design
Certification
C(UL)US CMG or (UL) CL3 FT4 SUN RES
Conductor
bare copper, stranded wire (37 x 0.17 mm),
approx. 1.15 mm ∅
Insulation
irradiated Polyethylene XLPE,
core ∅ approx. 2.85 mm
Core identification code
blue and brown
Stranding
2 cores twisted to pairs
Screen
1 layer plastic-laminated aluminium foil (overlapping)
on top:
stranded, tinned copper drain wire, approx. 0.5 mm2
on top:
braid of tinned copper wires, coverage approx. 85%
Taping
plastic tape
Outer sheath
PVC, yellow,
outer ∅: approx. 7.9 mm
dl safjl öjf
Electrical properties at 20°C
Conductor resistance
max. 24 Ω/km
Specific volume resistivity
min. 20 MΩ*km
Inductance
approx. 0.75 µH/m (31.25 kHz)
Capacitive coupling
conductor/conductor
nom. 65 nF/km (1 kHz)
conductor/screen
nom. 125 nF/km (1 kHz)
Characteristic impedance
100 Ω (±20) (31.25 kHz)
Attenuation
nom. < 3,4 dB/km (39 kHz)
Peak operating voltage
300 V (not for power applications)
Test voltage
conductor/conductor 1500 V
conductor/screen
1500 V
Mechanical and thermal properties
Minimum bending radius
fixed use
5 x cable Ø
flexible use 10 x cable Ø
Temperature range
- 40˚ C up to +105˚ C
Flammability
flame retardant acc. to UL1685 / CSA FT4
UV resistance
Sunlight resistance acc. to UL1581 Sec. 1200
Oil resistance
acc. To UL1581 Sec.480 (60°)
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).


Similar Part No. - 2170352

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
More results

Similar Description - 2170352

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170220 LAPP-2170220 Datasheet
174Kb / 2P
UNITRONIC® BUS PB 1x2x0.64
01.01.2019
2170230 LAPP-2170230 Datasheet
161Kb / 1P
UNITRONIC® BUS AS-INTERFACE (TPE)
01.01.2019
2170240 LAPP-2170240 Datasheet
227Kb / 2P
UNITRONIC® BUS EIB 2x2x0.8
21.06.2021
2170322 LAPP-2170322 Datasheet
192Kb / 2P
UNITRONIC® BUS PBFD PFC. 1x2x0,64 |
01.01.2019
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170630 LAPP-2170630 Datasheet
181Kb / 2P
UNITRONIC® BUS PB 105
01.01.2019
2170856 LAPP-2170856 Datasheet
181Kb / 2P
UNITRONIC® BUS PB TRAY
01.01.2019
2170857 LAPP-2170857 Datasheet
65Kb / 1P
UNITRONIC® BUS CAN TRAY
01.01.2019
2170996 LAPP-2170996 Datasheet
68Kb / 1P
UNITRONIC® BUS PB FRNC FC
01.02.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com