Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2170451 Datasheet(PDF) 2 Page - Lapp.

Part # 2170451
Description  ETHERLINE®™ ROBUST PN Cat. 5e
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170451 Datasheet(HTML) 2 Page - Lapp.

  2170451 Datasheet HTML 1Page - Lapp. 2170451 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170451
DATA SHEET
valid from:
01.01.2019
.
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170451EN
Version:
02
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
.
f
[MHz]
Attenuation
[dB/100m]
NEXT
[dB]
EL FEXT
[dB]
Return Loss
[dB]
standard
standard
standard
standard
4
6
56,3
52
23
10
9,5
50,6
43,6
25
16
12,1
47,2
39,8
25
31,25
17,1
42,9
34,1
23,3
62,5
24,8
38,4
28,1
20,8
100
32
35,3
24,0
19
Mechanical and thermal properties
Minimum bending radius
moved:
10 x cable ∅
fixed installation: 8 x cable ∅
Temperature range
moved:
-40˚ C up to +80˚ C
fixed installation: -50˚ C up to +80˚ C
Halogen free
acc. to IEC 60754-1 / EN 50267-2-1
Corrosivity of gases
acc. to IEC 60754-2 / EN 50267-2-2
Smoke density
acc. to 61034-2
Toxicity
acc. to EN 50305
UV resistance
acc. to EN 50525-1 / VDE 0285-525-1: Cables with black sheath are suitable for per-manent
outdoor use.
VDE 0276-605, EN ISO 4892-2-2013, method A (change of colour allowed)
Ozone resistance
acc. to VDE 0473-396 / EN 50396, method B
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com