Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2170455 Datasheet(PDF) 2 Page - Lapp.

Part # 2170455
Description  ETHERLINE ROBUST PN FR Cat. 7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170455 Datasheet(HTML) 2 Page - Lapp.

  2170455 Datasheet HTML 1Page - Lapp. 2170455 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170455
DATA SHEET
valid from:
01.01.2019
ETHERLINE ROBUST PN FR Cat. 7
.
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170455EN
Version:
02
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
.
f
[MHz]
Attenuation
[dB/100m]
NEXT
[dB]
EL FEXT
[dB]
Return Loss
[dB]
standard
standard
standard
standard
4
5,6
75
78
23
10
8,8
75
74
25
16
11,1
75
69,9
25
31,25
15,8
75
64,3
23,3
62,5
22,2
75
58,3
20,8
100
28,6
72,2
54
19
200
41,2
67,9
48
16,5
250
46,4
66,5
46
15,6
300
51,2
65,2
44,5
14,9
350
55,8
64,2
43,1
14,3
500
67,9
62
40,1
13
600
75,2
60,8
38,4
12,3
Mechanical and thermal properties
Minimum bending radius
moved:
10 x cable ∅
fixed installation: 8 x cable ∅
Temperature range
moved:
-40˚ C up to +80˚ C
fixed installation: -50˚ C up to +80˚ C
Flammability
acc. to 60332-1-2
UV resistance
acc. to EN 50525-1 / VDE 0285-525-1: Cables with black sheath are suitable for per-manent
outdoor use.
VDE 0276-605, EN ISO 4892-2-2013, method A (change of colour allowed)
Ozone resistance
acc. to VDE 0473-396 / EN 50396, method B
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com