Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4022BEY Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4022BEY
Description  OCTAL COUNTER WITH 8 DECODED OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4022BEY Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4022BEY Datasheet HTML 1Page - STMicroelectronics HCF4022BEY Datasheet HTML 2Page - STMicroelectronics HCF4022BEY Datasheet HTML 3Page - STMicroelectronics HCF4022BEY Datasheet HTML 4Page - STMicroelectronics HCF4022BEY Datasheet HTML 5Page - STMicroelectronics HCF4022BEY Datasheet HTML 6Page - STMicroelectronics HCF4022BEY Datasheet HTML 7Page - STMicroelectronics HCF4022BEY Datasheet HTML 8Page - STMicroelectronics HCF4022BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HCF4022B
5/11
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) Measured with respect to carry out line.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
CLOCKED OPERATION
tPLH tPHL Propagation Delay Time
(decode out)
5
325
650
ns
10
135
270
15
85
170
Propagation Delay Time
(carry out)
5
300
600
ns
10
125
250
15
80
160
tTHL tTLH Transition Time (carry out
or decoded out lines)
5
100
200
ns
10
50
100
15
40
80
fCL
(1)
Maximum Clock Input
Frequency
5
2.5
5
5
MHz
10
5
10
15
5.5
11
tW
Minimum Clock Pulse
Width
5
100
200
ns
10
45
90
15
30
60
tr , tf
Clock Input Rise or Fall
Time
5
unlimited
µs
10
15
tsetup
Data Setup Time Minimum
Clock Inhibit
5
115
230
ns
10
50
100
15
35
75
RESET OPERATION
tPLH, tPHL Propagation Delay Time
(carry out or decoded out
lines)
5
265
530
ns
10
115
230
15
85
170
tW
Minimum Reset Pulse
Width
5
130
260
ns
10
55
110
15
30
60
tREM
Minimum Reset Removal
Time
5
200
400
ns
10
140
280
15
75
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com