Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-06E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Description  7" In-Vehicle Smart Display with Smart Display 2.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-06E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TREK-303R FL
Specifications
LCD
Resolution
WVGA (800x480)
Compatible Products
TREK-60 modular AI platform
Video Interface
Single-channel LVDS (24 bit)
Pixel Pitch
0.1905(H) x 0.1905(V)
Viewing Angle (H/V)
120°/100° (RC > 10)
Contrast Ratio
500
Backlight Type
LED
Brightness
500 cd/m2, typical
Light Sensor
1 x with MRM SDK support
Thermal Sensor
1 x with MRM SDK support
Front Panel
Speaker
1 x 2W speaker
Hot Keys
5 x programmable function keys with LED indicators and MRM SDK support (LED duty cycle, key status, function
programming)
Brightness Control
1 x light sensor for auto-dimming and 2 x brightness control buttons
Touchscreen
Size
7.11" format
Type
4-wire resistive
Transparency
84% ± 3%
Hardness
3H
Durability
Knock test > 10,000,000 times (stylus = R0.8, < = 250g)
IK Shock Protection Rate
IK07 rating (available upon request)
I/O
Smart Display Port 2.0
1 x with 10-meter/5-meter cable for pairing with TREK computing box via single-cable connection;
USB 2.0 over SDP 2.0 for integrating optional devices (NFC reader, web camera, microphone);
Support 12V (2A) power output
Microphone
1 x (supports voice calls with echo cancellation, voice recognition)
USB Port
1 x USB 2.0 Host
Power button
1 x (can be configured to control TREK computing box)
Reset button
1 x (can be configured to control TREK computing box and VPM)
Power
Power Input
12 VDC ± 5% (via TREK computing box)
Power Consumption
7W (typical), 12W (max.)
Mechanical
Dimensions (H x W x D)
212.75 x 141.85 x 35 mm/8.37 x 5.58 x 1.37 in
Material
PC
Weight
0.67 kg/1.47 lb
Mount Options
VESA (75x75), RAM Mount
Environment
Operating Temperature
-30 ~ 70 °C/-22 ~ 158 °F
Storage Temperature
-40 ~ 80 °C/-40 ~ 176 °F
Humidity
95 ± 5%
Thermal Design
Fanless
Ingress Protection
IP31 (entire system)
Certification
Vibration/Shock
MIL-STD-810G, SAE J1455 4.9.4.2, EN60721-3-5(5M3)
EMC
CE, FCC, IC, CCC
Safety
UL, cUL, CB
7" In-Vehicle Smart Display with
Smart Display 2.0
ƒ
7" WVGA (16:10) TFT LCD with 4-wire resistive touch control
ƒ
Rugged, vehicle-grade design
ƒ
Smart display port 2.0 and 10-meter/5-meter connector cable
ƒ
Easily paired with TREK computing box via a single-cable connection
ƒ
Built-in light sensor for automatic dimming
ƒ
Extended I/O for easy maintenance and integration
ƒ
Wide operating temperature range (-30 ~ 70 °C/-22 ~ 158 °F)
All product specifications are subject to change without notice.
Last updated: 8-Jun-2022


Similar Part No. - RAM-MOUNT-06E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
683Kb / 2P
7" Mobile Data Terminal with Intel Atom
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
RAM-MOUNT-06E ADVANTECH-RAM-MOUNT-06E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
More results

Similar Description - RAM-MOUNT-06E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-303 ADVANTECH-TREK-303 Datasheet
543Kb / 2P
7" Smart Vehicle Display
TREK-303D-HA0E ADVANTECH-TREK-303D-HA0E Datasheet
813Kb / 2P
7" In-Vehicle Smart Display
TREK-303R-HA0E ADVANTECH-TREK-303R-HA0E Datasheet
1,017Kb / 2P
7" In-Vehicle Smart Display
TREK-306D-HA0E ADVANTECH-TREK-306D-HA0E Datasheet
883Kb / 2P
10" In-Vehicle Smart Display
logo
DFI Inc
SDML-WL DFI-SDML-WL Datasheet
710Kb / 2P
Intel Smart Display Module
logo
Advantech Co., Ltd.
TREK-303RH ADVANTECH-TREK-303RH Datasheet
733Kb / 2P
7" In-Vehicle Smart Display
11-Dec-2018
TREK-306D-FL ADVANTECH-TREK-306D-FL Datasheet
576Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306DH ADVANTECH-TREK-306DH Datasheet
724Kb / 2P
10" In-Vehicle Smart Display
26-Feb-2018
TREK-306P-FL ADVANTECH-TREK-306P-FL Datasheet
578Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306PH ADVANTECH-TREK-306PH Datasheet
461Kb / 2P
10" In-Vehicle Smart Display
23-Aug-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com