Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7447AMGH1000LB Datasheet(PDF) 36 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 32Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 33Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 34Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 35Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 36Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 37Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 38Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 39Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
36
5387B–HIREL–07/05
PC7447A [Preliminary]
Notes:
1. PLL_CFG[0:4] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core, or VCO
frequencies that are not useful, not supported, or not tested for by the PC7455; see Section ”Clock AC Specifications” on
page 25 for valid SYSCLK, core, and VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly and the PLL is disabled. However, the
bus interface unit requires a 2x clock to function. Therefore, an additional signal, EXT_QUAL, must be driven at one-half the
frequency of SYSCLK and offset in phase to meet the required input setup tIVKH and hold time tIXKH (see Table 9-3 on
page 27). The result will be that the processor bus frequency will be one-half SYSCLK while the internal processor is
clocked at SYSCLK frequency. This mode is intended for factory use and emulator tool use only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In PLL-off mode, no clocking occurs inside the PC7447A regardless of the SYSCLK input.
01011
13x
2x
650
(1300)
865
(1730)
975
(1950)
1079
(2158)
1300
(2600)
11100
13.5x
2x
675
(1350)
900
(1800)
1013
(2026)
1121
(2242)
1350
(2700)
11001
14x
2x
700
(1400)
933
(1866)
1050
(2100)
1162
(2324)
1400
(2800)
00011
15x
2x
750
(1500)
1000
(2000)
1125
(2250)
1245
(2490)
11011
16x
2x
800
(1600)
1066
(2132)
1200
(2400)
1328
(2656)
00001
17x
2x
850
(1900)
1132
(2264)
1275
(2550)
1411
(2822)
00101
18x
2x
600
(1200)
900
(1800)
1200
(2400)
1350
(2700)
00111
20x
2x
667
(1334)
1000
(2000)
1332
(2664)
01001
21x
2x
700
(1400)
1050
(2100)
1399
(2797)
01101
24x
2x
800
(1600)
1200
(2400)
11101
28x
2x
933
(1866)
1400
(2800)
00110
PLL bypass
PLL off, SYSCLK clocks core circuitry directly
11110
PLL off
PLL off, no core clocking occurs
Table 13-1.
PC7447A Microprocessor PLL Configuration Example for 1420-MHz Parts (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com