Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1925 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1925 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1925 Datasheet HTML 1Page - Monolithic Power Systems MP1925 Datasheet HTML 2Page - Monolithic Power Systems MP1925 Datasheet HTML 3Page - Monolithic Power Systems MP1925 Datasheet HTML 4Page - Monolithic Power Systems MP1925 Datasheet HTML 5Page - Monolithic Power Systems MP1925 Datasheet HTML 6Page - Monolithic Power Systems MP1925 Datasheet HTML 7Page - Monolithic Power Systems MP1925 Datasheet HTML 8Page - Monolithic Power Systems MP1925 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP1925 – 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MP1925 Rev. 1.01
MonolithicPower.com
2
7/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP1925HR
QFN-8 (4mmx4mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MP1925HR–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP1925HR–LF–Z)
TOP MARKING
MPS: MPS prefix
Y: Year code
WW: Week code
MP1925: Part number
LLLLLL: Lot number
PACKAGE REFERENCE
QFN-8 (4mmx4mm)
PIN FUNCTIONS
Pin #
Name
Description
1
VDD
Supply input. VDD supplies power to the internal circuitry. Place a decoupling
capacitor to ground close to VDD to ensure a stable and clean supply.
2
BST
Bootstrap. BST is the positive power supply for the internal floating high-side
MOSFET driver. Connect a bypass capacitor between BST and SW.
3
DRVH
Floating driver output.
4
SW
Switching node.
5
INH
Control signal input for the floating driver.
6
INL
Control signal input for the low-side driver.
7
VSS,
exposed pad
Chip ground. Connect the exposed pad to VSS for proper thermal operation.
8
DRVL
Low-side driver output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com