Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2192GC-Z Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2192GC-Z
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192GC-Z Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2192GC-Z Datasheet HTML 14Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 15Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 16Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 17Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 18Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 19Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 20Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 21Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
18
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For the high-frequency switching
converter, a poor layout design can result in
poor line or load regulation and stability issues.
For the best results, refer to Figure 10 and
follow the guidelines below:
1. Place the high-current paths (GND, VIN,
and SW) close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible.
3. Place the external feedback resistors next
to FB.
4. Keep the switching node (SW) short, and
route it away from the feedback network.
5. Keep the VOUT sense line as short as
possible, and and away from the power
inductor
(especially
the
surrounding
inductor).
LOUT
R2
VIN
EN
CIN
R1
VOUT
COUT
GND
Bottom Layer
Top Layer
Via
Figure 10: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com