Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3326GR-Z Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP3326GR-Z
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326GR-Z Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP3326GR-Z Datasheet HTML 28Page - Monolithic Power Systems MP3326GR-Z Datasheet HTML 29Page - Monolithic Power Systems MP3326GR-Z Datasheet HTML 30Page - Monolithic Power Systems MP3326GR-Z Datasheet HTML 31Page - Monolithic Power Systems MP3326GR-Z Datasheet HTML 32Page - Monolithic Power Systems MP3326GR-Z Datasheet HTML 33Page - Monolithic Power Systems MP3326GR-Z Datasheet HTML 34Page - Monolithic Power Systems MP3326GR-Z Datasheet HTML 35Page - Monolithic Power Systems MP3326GR-Z Datasheet HTML 36Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
32
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
LED Current Setting
Connect a resistor from the ISET pin to GND to
set the LED current for all 16 channels. The LED
current (ILED) can be calculated with Equation (5):
LED
ISET
500
I
(mA) =
R
(k
Ω)
(5)
For a maximum 50mA ILED, ensure that VIN ≥
4.5V to power the IC.
PCB Layout Guidelines
The traces from the LED anode to the LEDx pins
must be wide enough to support the set current
(up to 50mA) (see Figure 6).
LED7
SCL
SDA
ADDR
RFSH /FLT
ISET
EN
LED11
LED10
LED9
LED8
GND
1
2
3
4
5
6
19
18
17
16
15
14
LED1
7
13
LED12
Bottom GND
Top
Bottom
Vias
VLED+
Figure 6: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com