Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4541 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4541
Description  80V, 0.8A, High-Efficiency,Synchronous, Step-Down Converter with Integrated Power MOSFETS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4541 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4541 Datasheet HTML 11Page - Monolithic Power Systems MP4541 Datasheet HTML 12Page - Monolithic Power Systems MP4541 Datasheet HTML 13Page - Monolithic Power Systems MP4541 Datasheet HTML 14Page - Monolithic Power Systems MP4541 Datasheet HTML 15Page - Monolithic Power Systems MP4541 Datasheet HTML 16Page - Monolithic Power Systems MP4541 Datasheet HTML 17Page - Monolithic Power Systems MP4541 Datasheet HTML 18Page - Monolithic Power Systems MP4541 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP4541
– 80V, 0.8A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4541 Rev. 1.0
MonolithicPower.com
15
5/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
The output voltage ripple can be estimated with
Equation (10):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8 f
C
 
(10)
With
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency and causes the majority of the output
voltage ripple. For simplification, the output
voltage ripple can be estimated with Equation
(11):
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
C
L
V
 
(11)
With POSCAP capacitors, the ESR dominates
the impedance at the switching frequency. For
simplification, the output ripple can be estimated
with Equation (12):
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
 
(12)
Selecting
a
larger-value
output
capacitor
provides
faster
load
transient
response.
However, the maximum output capacitor limit
should be considered when designing for
application. If the output capacitor value is too
high, the output voltage cannot reach the
required value during the SS time, and the
capacitor may fail to regulate. The maximum
output capacitor value (CO_MAX) can be estimated
with Equation (13):
O _ MAX
LIM _ AVG
OUT
SS
OUT
C
(I
I
)
t
/ V
(13)
Where ILIM_AVG is the average start-up current
during soft start, and tSS is the SS time.
Design Example
Table 1 shows a design example following the
application
guidelines
for
the
provided
specifications.
Table 1: Design Example
VIN
8V to 80V
VOUT
5V/0.8A
fSW
420kHz
Figure 4 on page 17 shows the detailed
application
schematics.
For
the
typical
performance and circuit waveforms, see the
Typical Performance Characteristics section.
For more device applications, refer to the related
evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com