Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7758 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP7758
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP7758 Datasheet HTML 11Page - Monolithic Power Systems MP7758 Datasheet HTML 12Page - Monolithic Power Systems MP7758 Datasheet HTML 13Page - Monolithic Power Systems MP7758 Datasheet HTML 14Page - Monolithic Power Systems MP7758 Datasheet HTML 15Page - Monolithic Power Systems MP7758 Datasheet HTML 16Page - Monolithic Power Systems MP7758 Datasheet HTML 17Page - Monolithic Power Systems MP7758 Datasheet HTML 18Page - Monolithic Power Systems MP7758 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
15
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
EN
Audio
Signal Input
InAbsence
Output
Signal Detected
Enable
Delay Time
SW
PVCC
Start-
Up
No Input Signal
Detected
signal
Detected
Figure 3: Enable On (Audio Signal Present)
Adjustable Power Limit
The MP7758 features power limiting and anti-
clipping control. The voltage on the PLIMIT pin
can limit the power below levels that would be
possible based on the supply rail.
Connect a resistor divider from AVCC to GND
to set the power limit. Connect the resistor
divider directly to AVCC to remove the power
limit.
An external reference may also be used if
tighter tolerance is required. In this scenario,
place
a 1μF capacitor from PLIMIT to ground.
The PLIMIT circuit sets a limit on the output
peak-to-peak voltage. The is accomplished by
limiting the duty cycle to fixed maximum value.
This limit acts as a virtual voltage rail that is
lower than the supply connected to PVCC. This
virtual rail is 9 times the voltage at the PLIMIT
pin. The output voltage can be used to calculate
the
maximum
output
power
for
a
given
maximum input voltage and speaker impedance
(see Figure 4).
Figure 4: PLIMT Circuit Operation
For unclipped power, the output power can be
calculated with Equation (1):
2
L
P
LS
OUT
L
R
V
R
2 R
P
2R







(1)
Where RS is the total output series resistance
(including RDS(ON) and the resistance of the
output filter), RL is the load resistance, and VP is
the peak amplifier of the output voltage.
If the PLIMIT voltage times 8 is below the
PVCC voltage, VP can be estimated with
Equation (2):
VP = 9 x PLIMIT Voltage
(2)
The value for clipped output power can be
calculated with Equation (3):
OUT
OUT
P
@10%THD 1.25 unclipped P

(3)
Table 2 lists typical power limit values.
Table 2: Typical Power Limit Operation
Test Conditions
PLIMIT
Voltage
Output
Voltage (VPP)
Output Power
(10% THD)
VDD = 12V, VIN = 1VRMS,
load = 8
Ω, gain = 20dB
0.80V
14.9
5.0W
VDD = 16V, VIN = 1VRMS,
load = 8
Ω, gain = 20dB
0.80V
14.9
5.0W
VDD = 16V, VIN = 1VRMS,
load = 8
Ω, gain = 20dB
1.44V
23.6
10.0W
VDD = 18V, VIN = 1VRMS,
load = 8
Ω, gain = 20dB
1.44V
23.6
10.0W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com