Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86934GLT Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP86934GLT
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934GLT Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP86934GLT Datasheet HTML 1Page - Monolithic Power Systems MP86934GLT Datasheet HTML 2Page - Monolithic Power Systems MP86934GLT Datasheet HTML 3Page - Monolithic Power Systems MP86934GLT Datasheet HTML 4Page - Monolithic Power Systems MP86934GLT Datasheet HTML 5Page - Monolithic Power Systems MP86934GLT Datasheet HTML 6Page - Monolithic Power Systems MP86934GLT Datasheet HTML 7Page - Monolithic Power Systems MP86934GLT Datasheet HTML 8Page - Monolithic Power Systems MP86934GLT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP86934
16V Intelli-Phase Solution in TQFN 3x4
MP86934 Rev.1.2
www.MonolithicPower.com
1
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP86934 is a monolithic half-bridge with
built-in internal power MOSFETs and gate
drivers. It achieves 25A of continuous output
current over a wide input supply range.
Integration of the driver and MOSFETS results
in high efficiency due to optimal dead time and
parasitic inductance reduction.
This very small 3mm x 4mm FC-TQFN device
can operate from 100kHz to 2MHz.
This
device
works
with
tri-state
output
controllers. It also comes with a general-
purpose current sense and temperature sense.
The MP86934 is ideal for Server and Telecom
applications where efficiency and small size are
a premium.
FEATURES
 Wide 4.5V to 16V Operating Input Range
 Compliant to Intel DrMOS V4.0 Spec.
 25A Output Current
 Accepts Tri-State PWM Signal
 Built-In Switch for bootstrap
 Current Sense
 Temperature Sense
 Current Limit Protection
 Over Temperature Protection
 Fault Reporting: OC and OT
 Used for Multi-Phase Operation
 Available in TQFN-21 (3mmx4mm) Package
APPLICATIONS
 Server and Telecom Voltage Regulators
 Graphic Card Core Regulators
 Power Modules
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP86934GLT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86933 MPS-MP86933 Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT MPS-MP86933GQT Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT-P MPS-MP86933GQT-P Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT-Z MPS-MP86933GQT-Z Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results

Similar Description - MP86934GLT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
KNM20S34 PURDY-KNM20S34 Datasheet
128Kb / 2P
3x4 Monoblock Immersion Proof Keypad
logo
Maxim Integrated Produc...
MAX98357DEVTQFN MAXIM-MAX98357DEVTQFN Datasheet
617Kb / 9P
MAX98357 Evaluation System (TQFN)
19-6843; Rev 3; 9/18
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com