Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ5069 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ5069
Description  7mΩ Protection Switch with Current Monitor for Automotive Battery Systems AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5069 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ5069 Datasheet HTML 1Page - Monolithic Power Systems MPQ5069 Datasheet HTML 2Page - Monolithic Power Systems MPQ5069 Datasheet HTML 3Page - Monolithic Power Systems MPQ5069 Datasheet HTML 4Page - Monolithic Power Systems MPQ5069 Datasheet HTML 5Page - Monolithic Power Systems MPQ5069 Datasheet HTML 6Page - Monolithic Power Systems MPQ5069 Datasheet HTML 7Page - Monolithic Power Systems MPQ5069 Datasheet HTML 8Page - Monolithic Power Systems MPQ5069 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MPQ5069
– 7mΩ PROTECTION SWITCH WITH CURRENT MONITOR
MPQ5069 Rev. 1.1
www.MonolithicPower.com
4
11/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .............................................. -0.3V to +36V
VIN (Max load dump voltage) …………… +39V (2)
OUT, PD ...................................... -0.3V to +30V
All other pins............................... -0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (3)
….... ..........................................................2.7W
Power dissipation (TA = 25°C, 10ms single pulse)
….. ...........................................................215W
Maximum current (TA = 25°C)……………… 25A
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature ................ -65°C to +150°C
Electrostatic Discharge (ESD) Rating
HBM (human body model) ........................
±2kV
CDM (charged device model) .................±750V
Recommended Operating Conditions
Input voltage operating range ........... 6V to 28V
Operating junction temp (TJ). ... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-22 (3mmx5mm)
JESD51-7 (4)... ........................46 ...... 10 ...°C/W
EV5069-QV-00A (5)..................30.........2.... °C/W
Notes:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted.
Exceeding these ratings may
damage the device.
2) Suppressed Load Dump acc. to ISO16750-2 (2012).
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) /
θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) Measured on JESD51-7, 4-layer PCB.
5) Measured on MPS standard EVB, 8.5cmx8.5cm, 2-layer
PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com