Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT18/SG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FT18/SG
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18/SG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FT18/SG Datasheet HTML 2Page - NXP Semiconductors FT18/SG Datasheet HTML 3Page - NXP Semiconductors FT18/SG Datasheet HTML 4Page - NXP Semiconductors FT18/SG Datasheet HTML 5Page - NXP Semiconductors FT18/SG Datasheet HTML 6Page - NXP Semiconductors FT18/SG Datasheet HTML 7Page - NXP Semiconductors FT18/SG Datasheet HTML 8Page - NXP Semiconductors FT18/SG Datasheet HTML 9Page - NXP Semiconductors FT18/SG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 January
6
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
Timing diagrams (for default operation)
Figure 3 - Line and pixel timing diagrams
H
L
SSC
H
L
H
L
H
L
C1
C2
C3
Tp/6 = (1/36MHz)/6 = 4.63ns
H
L
RG
Tp = 1/36MHz = 27.8ns
In this figure, charge is transported to the left output buffer (normal readout) by moving it from C1 to C2 to C3 etc.
By exchanging the timing of C1 and C2, charge will be transported to the right output buffer (mirrored readout).
A1
A2
A3
A4
Phase
or
pixel count
1100 1110 1120 1130 1140
10
20
30
40
50
60
70
80
90
100
110
120
L
H
L
H
L
H
L
H
B2
B3
B4
B1
L
H
L
H
L
H
L
H
19
64
28
37
46
55
32
62
26
44
38
56
20
50
SSC
L
H
72
1150
0
0
One cycle of the storage gates (during line blanking), moving one line from storage to output register
C clocks stopped for 2 microseconds
L
H
PB
0
L
H
BLC
0
79
79
L
H
CB
1131
99
1080 pixels until 1152
1/(36MHz) = 27.8ns
One charge pumping cycle of the image gates (during line blanking), shifting the charge of one line back and forth
Start-Stop C-clocks
Pre-Blanking
Black Level Clamp
Composite Blanking
L
CR
19
64
Charge Reset
H
1.25 microseconds
AC Characteristics
Min.
Typical
Max.
Unit
Horizontal frequency (1/Tp)
Vertical frequency
-
-
36
750
40
833
MHz
kHz
Line Timing
Pixel Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com