Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6121 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD6121
Description  MOS INTEGRATED CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6121 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD6121 Datasheet HTML 17Page - Renesas Technology Corp UPD6121 Datasheet HTML 18Page - Renesas Technology Corp UPD6121 Datasheet HTML 19Page - Renesas Technology Corp UPD6121 Datasheet HTML 20Page - Renesas Technology Corp UPD6121 Datasheet HTML 21Page - Renesas Technology Corp UPD6121 Datasheet HTML 22Page - Renesas Technology Corp UPD6121 Datasheet HTML 23Page - Renesas Technology Corp UPD6121 Datasheet HTML 24Page - Renesas Technology Corp UPD6121 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
µPD6121, 6122
19
9.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Supply voltage
VDD
–0.3 to +6.0
V
Input voltage
VI
–0.3 to VDD + 0.3
V
Power dissipation
PD
250
mW
Operating ambient temperature
TA
–20 to +75
˚C
Storage temperature
Tstg
–40 to +125
˚C
Recommended Operating Conditions (TA = –20 to +75
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
2.0
3.0
3.3
V
Oscillation frequency
fOSC
400
455
500
kHz
Input voltage
VI
0VDD
V
Custom code select pull-up resistor
RUP
160
200
240
k
DC Characteristics (TA = 25
°C, VDD = 3.0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply current 1
IDD1
fOSC = 455 kHz
0.1
1
mA
Supply current 2
IDD2
fOSC = STOP
1
µA
REM output current High
IOH1
VO = 1.5 V
–5
–8
mA
REM output current Low
IOL1
VO = 0.3 V
15
30
µA
LMP output current High
IOH2
VO = 2.7 V
–15
–30
µA
LMP output current Low
IOL2
VO = 0.3 V
1
1.5
mA
KI input current High
IIH1
VI = 3.0 V
10
30
µA
KI input current Low
IIL1
VI = 0 V
–0.2
µA
KI, SEL input voltage High
VIH1
2.1
3.0
V
KI, SEL input voltage Low
VIL1
0
0.9
V
KI/O input voltage High
VIH2
1.3
V
KI/O input voltage Low
VIL2
0.4
V
KI/O input current High
IIH2
VI = 3.0 V
2
7
µA
KI/O input current Low
IIL2
VI = 0 V
–0.2
µA
KI/O output current High
IOH3
VO = 2.5 V
–1.0
–2.5
mA
KI/O output current Low
IOL3
VO = 1.7 V
35
100
µA
CCS input voltage High
VIH3
1.1
V
CCS input current High
IIH3
Pull-up, VI = 3.0 V
0.2
µA
CCS input current Low
IIL3
Pull-up, VI = 0 V
–3
–8
µA
CCS input current High
IIH4
Pull-down, VI = 3.0 V
10
30
µA
CCS input current Low
IIL4
Pull-down, VI = 0 V
–0.2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com