Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6325 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD6325
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6325 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD6325 Datasheet HTML 4Page - Renesas Technology Corp UPD6325 Datasheet HTML 5Page - Renesas Technology Corp UPD6325 Datasheet HTML 6Page - Renesas Technology Corp UPD6325 Datasheet HTML 7Page - Renesas Technology Corp UPD6325 Datasheet HTML 8Page - Renesas Technology Corp UPD6325 Datasheet HTML 9Page - Renesas Technology Corp UPD6325 Datasheet HTML 10Page - Renesas Technology Corp UPD6325 Datasheet HTML 11Page - Renesas Technology Corp UPD6325 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
µPD6325, µPD6326, µPD6335, µPD6336
6
DATA CONFIGURATION
Data Length is 12 bit.
D0
First
Last
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
0
D11
Target device
PD6325, 6326
PD6335, 6336
LSB
MSB
D/A output CONTROL BIT
0
D10
0
D9
0
D8
Don't Care
0
PD6325, 6326
PD6335, 6336
001
DA1
0
PD6325, 6326
PD6335, 6336
010
DA2
0
PD6325, 6326
PD6335, 6336
011
DA3
0
PD6325, 6326
PD6335, 6336
100
DA4
0
PD6326
PD6336
101
DA5
0
PD6326
PD6336
110
DA6
0
PD6326
PD6336
111
DA7
1
PD6326
PD6336
000
DA8
1
PD6325, 6326
PD6335, 6336
×××
Don't Care
Select D/A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
D5
Output Voltage
D/A Output Voltage CONTROL BIT
D4
D3
D2
0
D7
Note
OPTION2 is only
PD6325, 6326
OPTION output CONTROL BIT
0
D6
L
0
OPTION2 is only
PD6325, 6326
1L
1
OPTION2 is only
PD6325, 6326
0H
1
OPTION2 is only
PD6325, 6326
1H
OPTION2
out.
µ
µ
µ
µ
L
H
L
H
OPTION1
out.
D1
D0
0VDD/64
000
00
0
2 x VDD/64
000
01
0
3 x VDD/64
000
10
0
4 x VDD/64
000
11
1
63 x VDD/64
111
10
1VDD
111
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com