Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6222GS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD6222GS
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6222GS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD6222GS Datasheet HTML 5Page - Renesas Technology Corp UPD6222GS Datasheet HTML 6Page - Renesas Technology Corp UPD6222GS Datasheet HTML 7Page - Renesas Technology Corp UPD6222GS Datasheet HTML 8Page - Renesas Technology Corp UPD6222GS Datasheet HTML 9Page - Renesas Technology Corp UPD6222GS Datasheet HTML 10Page - Renesas Technology Corp UPD6222GS Datasheet HTML 11Page - Renesas Technology Corp UPD6222GS Datasheet HTML 12Page - Renesas Technology Corp UPD6222GS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
7
µPD6222
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMITS
UNIT
Digital Supply Voltage
VDD
–0.3 to +7.0
V
Analog Supply Voltage
VCC
–0.3 to VDD + 0.3
V
VCC Side Reference Voltage
VrefU1, U2
–0.3 to VCC + 0.3
V
GND Side Reference Voltage
VrefL1, L2
–0.3 to VCC + 0.3
V
Digital Input Voltage
VIN
–0.3 to VDD + 0.3
V
Output Voltage
VOUT
–0.3 to VCC + 0.3
V
Power Dissipation
CS Package
PD
500
mW
GS Package
200
mW
Operating Temperature Range
TA
–20 to +85
°C
Storage Temperature Range
Tstg
–55 to +125
°C
RECOMMENDED OPERATION CONDITIONS
PARAMETER
Digital Supply Voltage
Analog Supply Voltage
Input Voltage of VCC Side
Reference Voltage Range
Input Voltage of GND Side
Reference Voltage Range
Output Capacitance Load
ELECTRICAL CHARACTERISTICS
DIGITAL BLOCK
(VCC, VDD, VrefU1, 2 = +4.5 to +5.5 V, VrefU1, 2
≤ VCC, VrefL1, 2 = GND = 0 V, TA = –20 to +85
°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Digital Supply Current
IDD
CLK = 1 MHz, IAO = 0
µA
1.0
mA
Input Leak Current
II LEAK
VIN = 0 to VDD
–10
10
µA
Low-Level Input Voltage
VIL
0.2 VDD
V
High-Level Input Voltage
VIH
0.8 VDD
V
CONDITION
VDD = VCC
This parameter is not
same as D/A output
voltage. D/A output is
defined by the ability
of Output Buffer Amp.
SYMBOL
VDD
VCC
VrefU1, U2
VrefL1, L2
CO
MIN.
TYP.
MAX.
UNIT
4.5
5.0
5.5
V
VrefLVCC
V
GND
VrefUV
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com