Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16331 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 5 Page - Microchip Technology

  MCP16331_V01 Datasheet HTML 1Page - Microchip Technology MCP16331_V01 Datasheet HTML 2Page - Microchip Technology MCP16331_V01 Datasheet HTML 3Page - Microchip Technology MCP16331_V01 Datasheet HTML 4Page - Microchip Technology MCP16331_V01 Datasheet HTML 5Page - Microchip Technology MCP16331_V01 Datasheet HTML 6Page - Microchip Technology MCP16331_V01 Datasheet HTML 7Page - Microchip Technology MCP16331_V01 Datasheet HTML 8Page - Microchip Technology MCP16331_V01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 5
MCP16331
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = EN = 12V, COUT = CIN = 2 x10 µF, L = 15 µH, VOUT = 3.3V, ILOAD = 100 mA,
TA = +25°C, 6-Lead SOT-23 package.
FIGURE 2-1:
3.3V VOUT Efficiency vs.
IOUT.
FIGURE 2-2:
5V VOUT Efficiency vs. IOUT
FIGURE 2-3:
12V VOUT Efficiency vs. IOUT.
FIGURE 2-4:
24V VOUT Efficiency vs.
IOUT.
FIGURE 2-5:
3.3V VOUT Efficiency vs.
VIN.
FIGURE 2-6:
5V VOUT Efficiency vs. VIN.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
OUT (mA)
V
IN = 6V
V
IN = 12V
V
IN = 24V
V
IN = 48V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
OUT (mA)
V
IN = 12V
V
IN = 24V
V
IN = 48V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
OUT (mA)
V
IN = 24V
V
IN = 48V
0
10
20
30
40
50
60
70
80
90
100
110
1000
100
0
10
20
30
40
50
60
70
80
90
100
6
10141822263034384246
50
V
IN (V)
I
OUT= 10 mA
I
OUT= 100 mA
I
OUT= 500 mA
0
10
20
30
40
50
60
70
80
90
100
6
1014182226303438424650
V
IN (V)
I
OUT = 10 mA
I
OUT = 100 mA
I
OUT = 500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com