Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16331 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 10Page - Microchip Technology MCP16331 Datasheet HTML 11Page - Microchip Technology MCP16331 Datasheet HTML 12Page - Microchip Technology MCP16331 Datasheet HTML 13Page - Microchip Technology MCP16331 Datasheet HTML 14Page - Microchip Technology MCP16331 Datasheet HTML 15Page - Microchip Technology MCP16331 Datasheet HTML 16Page - Microchip Technology MCP16331 Datasheet HTML 17Page - Microchip Technology MCP16331 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
MCP16331
DS20005308D-page 14
 2014-2021 Microchip Technology Inc.
FIGURE 4-1:
MCP16331 Block Diagram.
4.2
Functional Description
4.2.1
STEP-DOWN OR BUCK CONVERTER
The MCP16331 device is a non-synchronous, step-down
or buck converter capable of stepping input voltages
ranging from 4.4V to 50V down to 2.0V to 24V for
VIN > VOUT.
The integrated high-side switch is used to chop or
modulate the input voltage using a controlled duty cycle
for output voltage regulation. High efficiency is
achieved by using a low-resistance switch, low forward
drop diode (Schottky diode), low Equivalent Series
Resistance (ESR) capacitors and low Direct Current
Resistance (DCR) inductor. When the switch is turned
on, a DC voltage is applied across the inductor (VIN –
VOUT), resulting in a positive linear ramp of inductor
current. When the switch turns off, the applied inductor
voltage is equal to -VOUT, resulting in a negative linear
ramp of inductor current (ignoring the forward drop of
the Schottky diode).
For steady-state, continuous inductor current opera-
tion, the positive inductor current ramp must equal the
negative current ramp in magnitude. While operating in
steady state, the switch duty cycle must be equal to the
relationship of VOUT/VIN for constant output voltage
regulation, under the condition that the inductor current
is continuous or never reaches zero. For discontinuous
inductor current operation, the steady-state duty cycle
will be less than VOUT/VIN to maintain voltage regula-
tion. The average of the chopped input voltage or SW
node voltage is equal to the output voltage, while the
average of the inductor current is equal to the output
current.
Schottky
Diode
COUT
CBOOST
Slope
Comp
PWM
Latch
+
Overtemp
Precharge
R
Comp
Amp
+
CCOMP
RCOMP
HS
Drive
CS
VREG
BG
REF
SS
VREF
Overtemperature
Boost
Precharge
Charge
500 kHz Osc
S
VOUT
VOUT
RSENSE
GND
Boost
VIN
EN
RTOP
RBOT
BOOST
SW
GND
FB
VREF
SHDN All Blocks
+
CIN
+
+
Note: EN has an internal pull-up, so the device will start even if the EN pin is left floating.
Diode
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com