Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8024 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8024
Description  T1/E1 Extended Temperature Range SMD Single Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8024 Datasheet(HTML) 1 Page - Filtran LTD

  8024 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL AND SCHEMATIC (All dimensions in inches)
0.320 typ.
0.375
0.280 max.
0.200
0.200 max.
0.100
0.018
0
∞ - 6∞
0.006/0.015
FD/C
.250
0.385
0.051
0.100
SUGGESTED PAD LAYOUT
0.064
80XX
1
2
34
5
6
Schematic
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
T1/E1
An ISO 9001 Registered Company
Meets the isolation and impedance matching requirements for T1, E1, CEPT and
PRI ISDN applications over a temperature range of -40°C to +85°C.
IC MFG.
PART NO.
TRANSMIT
RECEIVE
CRYSTAL
61304A/61305A, 6135A/61577
8021
8021
61535A/6158A, 61574A/61575
8022
8021
61582/61583, 61584/61584A(5V)
8025
8025
61584/61584A (3.3)
8021
8021
61310/61318/61581
8021
8020
61881
8025
8021
DALLAS
DS2151/2/3/4
8025
8020
21352/21Q352, 21354/21Q354
8021
8020
21552/21Q552, 21554,21Q554
8026
8020
EXAR
XRT5683A, T5894/T5897,
8021
8021
XRT5997/59L91
8021
8021
XRT5684/7288
8026
8021
XRT56L85
8021
8020
T5793/94
8022
8020
INFINEON
PEB22554
8028
8028
PEB22504 (3.3V)
8023
8020
PEB2256
8023
8023
ELECTRICAL SPECIFICATION @ 25˚C
Part no.
Turns Ratio
Pri:Sec
OCL
(Pin 1-3)
(mH typ.)
Interwinding
Capacitance
(pF Max.)
Isolation Voltage
(Vrms)
Leakage Inductance
(uH Max.)
DCR PIN (1-3)
(ohm Max)
8020
1CT:1CT
1.5
35
1500
0.5
0.80
8021
1CT:2CT
1.5
35
1500
0.5
0.80
8022
1CT:1/1.266
1.5
35
1500
0.5
0.70
8023
1CT:2.42CT
1.5
35
1500
0.5
0.80
8024
1CT:1.14CT
1.5
35
1500
0.5
0.80
8025
1CT:1.15CT
1.5
35
1500
0.5
0.80
8026
1CT:1.36CT
1.5
35
1500
0.5
0.80
8027
1CT:2.3CT
1.5
35
1500
0.5
0.80
8028
1CT:1.41CT
1.5
35
1500
0.5
0.80
Extended Temperature Range
SMD Single Transformers
8020-8028
Exceeds UL 1950, IEC950 and EN60950.
IC MFG.
PART NO.
TRANSMIT
RECEIVE
LEVEL ONE
LXT 300Z/301Z,332/334, 384/386/388
8021
8021
LXT304A/305A
8022
8021
LXT310/317/318
8021
8020
LXT331/351/360
8027
8020
LXT335
8026
8020
LUCENT
T7288/T7290A
8026
8021
T7289A
8025
8021
T7690 (CEPT)
8026
8026
T7689, T7690/T7698(DS1)
8024
8024
T7693 (CEPT)
8023
8023
T7688/T7690 (CEPT) T7698 (CEPT)
8026
8026
PMC SIERRA PM4314, PM4341/6341
8026
8021
PM 4351
8023
8023
VLSI
VP14Q574/575
8025
8021


Similar Part No. - 8024

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8024 SONARDYNE-8024 Datasheet
135Kb / 2P
Scout USBL Transceiver
logo
Belden Inc.
8024 BELDEN-8024 Datasheet
149Kb / 2P
Bus Bar Wire, #28 Sol TC
01-20-2023
8024-000100 BELDEN-8024-000100 Datasheet
149Kb / 2P
Bus Bar Wire, #28 Sol TC
01-20-2023
8024-0001000 BELDEN-8024-0001000 Datasheet
149Kb / 2P
Bus Bar Wire, #28 Sol TC
01-20-2023
logo
List of Unclassifed Man...
80240 ETC2-80240 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
More results

Similar Description - 8024

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8001 FILTRAN-8001 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
TALEMA Group. LLC
19794 TALEMA-19794 Datasheet
41Kb / 1P
E1/T1/PRI/CEPT Single Interface Transformers
IS2M-6 TALEMA-IS2M-6 Datasheet
45Kb / 1P
E1/T1/ PRI/CEPT Single Transformers
MJE-10A TALEMA-MJE-10A Datasheet
42Kb / 1P
T1/E1/CEPT/ISDN-PRI SMD Transformers
19649 TALEMA-19649 Datasheet
38Kb / 1P
E1/T1/PRI/CEPT Single Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1021G PCA-EPR1021G Datasheet
38Kb / 1P
SMD Single T1/E1 Interface Transformer
EPR1090F2 PCA-EPR1090F2 Datasheet
16Kb / 1P
T1/E1/ISDN-PRI Transformers
EPR1501S PCA-EPR1501S Datasheet
44Kb / 1P
T1/E1 Transformers
logo
Pulse A Technitrol Comp...
T1144T PULSE-T1144T Datasheet
280Kb / 8P
T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
logo
HALO Electronics, Inc.
TG08-1505NZLF HALO-TG08-1505NZLF Datasheet
380Kb / 3P
SMD Dual Port T1/E1 Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com