Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10482000 Datasheet(PDF) 1 Page - Lapp.

Part # 10482000
Description  EPIC® H-A 32 SG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

10482000 Datasheet(HTML) 1 Page - Lapp.

  10482000 Datasheet HTML 1Page - Lapp. 10482000 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19474000
DATA SHEET
Valid from:
29.08.2022
EPIC® H-A 32 SG
Creator: BEGE1/PDP
Released: IVSE1/PDP
Document: DB19474000EN
Version: 00
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
The large, robust housing for two inserts of size 16.
General Characteristics
Series
H-A 32
Version
Surface-mount base
Locking
Double lever
Cable entry
Lateral, see table
Gland body
See table
Protection (DIN EN 60529)
IP 65 (latched)
Temperature Range
-40°C to +100°C, short term up to +125°C
Materials / Surfaces
Housing
Aluminium alloy, powder-coated, grey
Locking
Steel, zinc-plated
Gland body
Brass, nickel-plated
Sealing
NBR
Standard
Safety Standard
IEC 61984
Versions
Article number Article description
Cable entry
(right)
Cable entry
(left)
Gland body
10474000
EPIC® H-A 32 SGR 21 ZW
Pg 21
-
Yes
10474100
EPIC® H-A 32 SGR 29 ZW
Pg 29
-
Yes
10482000
EPIC® H-A 32 SGRL 21 ZW
Pg 21
Pg 21
Yes
19474000
EPIC® H-A 32 SGR M25 ZW
M25
-
Yes
19474100
EPIC® H-A 32 SGR M32 ZW
M32
-
Yes
19482000
EPIC® H-A 32 SGRL M25 ZW
M25
M25
Yes
19482100
EPIC® H-A 32 SGRL M32 ZW
M32
M32
Yes
79506800
EPIC® H-A 32 SGRL M40
M40
M40
No


Similar Part No. - 10482000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1048208 PHOENIX-1048208 Datasheet
208Kb / 7P
IOA PR-DAI/DAO/F/DS/2A/EX - Input/output module
1048209 PHOENIX-1048209 Datasheet
208Kb / 7P
IOA LM-DI/R/RUSIO/EX - Monitoring block
More results

Similar Description - 10482000

ManufacturerPart #DatasheetDescription
logo
Lapp.
10165000 LAPP-10165000 Datasheet
126Kb / 2P
EPIC® H-B 48 SG
01.04.2022
19134000 LAPP-19134000 Datasheet
128Kb / 2P
EPIC® H-B 32 TG
29.08.2022
19135000 LAPP-19135000 Datasheet
128Kb / 2P
EPIC® H-B 32 TS
29.08.2022
19137000 LAPP-19137000 Datasheet
128Kb / 2P
EPIC® H-B 32 SG
29.08.2022
10472000 LAPP-10472000 Datasheet
111Kb / 2P
EPIC® H-A 32 AG
29.08.2022
19139500 LAPP-19139500 Datasheet
129Kb / 2P
EPIC® H-B 32 TBF
29.08.2022
19582000 LAPP-19582000 Datasheet
127Kb / 2P
EPIC® H-A 32 TG
29.08.2022
19633800 LAPP-19633800 Datasheet
126Kb / 2P
EPIC® H-A 48 SG
29.08.2022
70503000 LAPP-70503000 Datasheet
119Kb / 2P
EPIC® H-A 32 AD
29.08.2022
79515200 LAPP-79515200 Datasheet
129Kb / 2P
EPIC® H-A 32 SD
29.08.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com