Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2170496 Datasheet(PDF) 2 Page - Lapp.

Part # 2170496
Description  ETHERLINE® Cat.5 ARM 1x4x22/1 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170496 Datasheet(HTML) 2 Page - Lapp.

  2170496 Datasheet HTML 1Page - Lapp. 2170496 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170496
DATA SHEET
valid from:
30.03.2021
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170496EN
Version:
06
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
The transmission characteristics meet the requirements of the standards EN 50288-2-1 and IEC 61156-5 for category 5e.
The normative requirements for the transmission properties are shown in the following table:
f [MHz]
4
10
16
20
31,25
62,5
100
(max.) Attenuation
[dB/100 m]
4
6,3
8
9
11,4
16,5
21,3
(min.) TCL
[dB]
34
30
28
27
25,1
22
20
(min.) EL TCTL
[dB/100 m]
23
15
10,9
9
5,1
---
---
(min.) NEXT
[dB]
56,3
50,3
47,2
45,8
42,9
38,4
35,3
(min.) PS EL FEXT
[dB/100 m]
49
41
36,9
35
31,1
25,1
21
(min.) ACR-F/EL FEXT
[dB/100 m]
52
44
39,9
38
34,1
28,1
24
(min.) Return Loss
[dB]
23
25
25
25
23,6
21,5
20,1
Mechanical and thermal properties
Minimum bending radius
occasional flexing:
15 x outer diameter
fixed installation:
10 x outer diameter
Temperature range
occasional flexing:
-20 °C up to +60 °C
fixed installation:
-40 °C up to +70 °C
General requirements
This cable is conform to EU-Directive 2014/35/EU (Low Voltage Directive) and to EU-Directive
2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com