Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA4N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGA4N100
Description  ADVANCED TECHNICAL INFORMATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA4N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGA4N100 Datasheet HTML 1Page - IXYS Corporation IXGA4N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250 mA, V
GE = 0 V
1000
V
V
GE(th)
I
C
= 100 mA, V
CE = VGE
2.5
5.0
V
I
CES
V
CE= 0.8 • VCES
T
J =
25°C25
mA
V
GE = 0 V
T
J = 125°C
250
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
CE90, VGE = 15V
2.2
2.7
V
IGBT
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
1000
V
V
CGR
T
J
= 25°C to 150°C; R
GE = 1 MW
1000
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C8
A
I
C90
T
C
= 90°C4
A
I
CM
T
C
= 25°C, 1 ms
16
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 120 W
I
CM = 8
A
(RBSOA)
Clamped inductive load
@ 0.8 V
CES
P
C
T
C
= 25°C40
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque with screw M3
0.45/4 Nm/lb.in.
Mounting torque with screw M3.5
0.55/5 Nm/lb.in.
Weight
TO-220
4
g
TO-263
2
g
98735 (7/00)
Features
•International standard packages
JEDEC TO-220AB and TO-263AA
•High current handling capability
•MOS Gate turn-on
- drive simplicity
Applications
• AC motor speed control
• DC servo and robot drives
• DC choppers
• Uninterruptible power supplies (UPS)
• Switch-mode and resonant-mode
power supplies
• Capacitor discharge
Advantages
• Easy to mount with one screw
• Reduces assembly time and cost
• High power density
G
E
C (TAB)
TO-263 AA (IXGA)
G C
E
TO-220AB(IXGP)
Advanced Technical Information
V
CES
= 1000 V
I
C25
=
8 A
V
CE(sat) =
2.7 V
IXGA 4N100
IXGP 4N100


Similar Part No. - IXGA4N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA42N30C3 IXYS-IXGA42N30C3 Datasheet
181Kb / 6P
GenX3 300V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
logo
Inchange Semiconductor ...
IXGA48N60A3 ISC-IXGA48N60A3 Datasheet
376Kb / 3P
Trench Field-Stop IGBT
logo
IXYS Corporation
IXGA48N60B3 IXYS-IXGA48N60B3 Datasheet
228Kb / 6P
GenX3 600V IGBT
More results

Similar Description - IXGA4N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK52N60Q2 IXYS-IXFK52N60Q2 Datasheet
552Kb / 2P
Advanced Technical Information
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
echnische Information / technical information
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
Technische Information / technical information
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
Technische Information / Technical Information
logo
Infineon Technologies A...
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
Technische Information / Technical Information
rev.2
logo
Omron Electronics LLC
G3VM-6 OMRON-G3VM-6 Datasheet
183Kb / 6P
Technical Information
logo
IXYS Corporation
IXA40PG1200DHGLB IXYS-IXA40PG1200DHGLB Datasheet
144Kb / 3P
Advanced Technical Information
logo
List of Unclassifed Man...
FTL31 ETC2-FTL31 Datasheet
937Kb / 32P
Technical Information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com