Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10" In-Vehicle Smart Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TREK-306DH
Introduction
The TREK-306DH is a vehicle display system for Mobile Resource Management (MRM) applications in trucks and buses. The TREK-306DH touch panel is ideal for fleet management
and dispatch applications. It also meets requirements for automotive grade working temperatures (-30° C ~ 70° C). TREK-306DH provides excellent display capabilities, featuring
lightweight housing, it's compatible with RAM mounting solutions that customers can easily install. TREK-306DH supports resolutions of 1024 x 768; it is compatible with TREK
box solutions connecting via a single cable. TREK-306DH is designed with drivers in mind: when the system requires powering up or waking up, it can be easily controlled from the
button located on the side; and for night driving, the panel has an auto detecting light sensor to automatically adjust brightness.
Specifications
LCD
Design Compatible Models
Paired with TREK computing box
(i.e. TREK-5xx/6xx, TREK-520 by project-based)
Resolution (pixel)
XGA (1024 x 768)
Video Interface
Single channel, 18 bit LVDS
Pixel Pitch
0.2055 (H) x 0.2055 (V)
Brightness (cd/m2)
400 (typical)
View Angle ((H/V))
178°/178°
Contrast Ratio
1400
Backlight Type
LED
Backlight Life (Hrs)
50K
Touchscreen
Size
10.4" (4:3) format
Type
5-wire Resistive
Transparency
80% ± 3%
Hardness
3H
Durability
Knock test > 35,000,000 times (Stylus= R0.8,<=50g)
IK Shock-Protection Rate
IK-06 (Resistance against impacts with an energy up to 1,00 J)
Front Panel
Speaker
2 x 2-watt speaker
Hotkeys
5 x User-programmable Function key with green LED
Brightness Control
1 x Built-in light sensor for auto-dimming implementation
Rear I/O
Smart Display Port
1 x 36-pin locking type high density connector to be paired with TREK-5xx/6xx
Right Side I/O
USB Port
1 x USB 2.0 Host Type A (Data access from/to TREK computing box)
Power button
1 x Power button (To power on/off TREK computing box)
Reset button
1 x Reset button (To Reset TREK computing box)
Power
DC Input
12 V ± 5% (Powered by TREK computing box directly)
Power Consumption
8W (Nominal), 14W (Max.)
Mechanical
Mounting
VESA (75 x 75 mm), RAM Mount
Material
PC
Weight
1.7 kg
Dimensions (W x H x D)
303 x 226 x 35 mm
Environment
Operating Temperature
-30° C ~ 70° C
Storage Temperature
-40° C ~ 80° C
Vibration
MIL-STD-810G, SAE J1455 4.9.4.2
Certifications
CE, FCC
IP Rating
IP55 (with I/O Cover)
10" In-Vehicle Smart Display
ƒ Vehicle-grade 10" (4:3) XGA TFT LCD with rugged resistive type touchscreen
ƒ Five user-programmable function keys
ƒ Two 2-watt speakers
ƒ Built-in light sensor for automatic dimming
ƒ Easily installed and paired with TREK computing box via a
single-cable connection
ƒ Extended I/O ports (USB 2.0 Type A, power button and reset button) for easy
TREK computing box maintenance
ƒ Wide working temperature range (-30° C ~ 70° C)
ƒ Optional monitor hood supports operation in direct sunlight for demanding
environments
All product specifications are subject to change without notice.
Last updated: 26-Feb-2018


Similar Part No. - RAM-MOUNT-07E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 9P
10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
10-May-2022
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 10P
10.1" Industrial Tablet with Qualcomm Processor
14-Jun-2022
More results

Similar Description - RAM-MOUNT-07E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-303 ADVANTECH-TREK-303 Datasheet
543Kb / 2P
7" Smart Vehicle Display
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
Vehicle Display Controller
logo
Advantech Co., Ltd.
TREK-303D-HA0E ADVANTECH-TREK-303D-HA0E Datasheet
813Kb / 2P
7" In-Vehicle Smart Display
TREK-303R-HA0E ADVANTECH-TREK-303R-HA0E Datasheet
1,017Kb / 2P
7" In-Vehicle Smart Display
TREK-306D-HA0E ADVANTECH-TREK-306D-HA0E Datasheet
883Kb / 2P
10" In-Vehicle Smart Display
TREK-303R-FL ADVANTECH-TREK-303R-FL Datasheet
267Kb / 2P
7" In-Vehicle Smart Display with Smart Display 2.0
8-Jun-2022
TREK-303RH ADVANTECH-TREK-303RH Datasheet
733Kb / 2P
7" In-Vehicle Smart Display
11-Dec-2018
TREK-306D-FL ADVANTECH-TREK-306D-FL Datasheet
576Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306P-FL ADVANTECH-TREK-306P-FL Datasheet
578Kb / 2P
10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306PH ADVANTECH-TREK-306PH Datasheet
461Kb / 2P
10" In-Vehicle Smart Display
23-Aug-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com