Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34653 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34653 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34653
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 36 V ≤ VPWR ≤ 80 V and -40°C ≤ TA ≤ 85°C. All voltages are referenced to VIN unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY PIN (VPWR)
Supply Voltage
VPWR
36
—
80
V
Operating Voltage Range
VPWR
VUV(ON)
VOV(ON)
V
Supply Current, Device Enabled, Default Mode, Normal Operation (11)
IIN
—
900
1400
µA
Undervoltage Lockout Threshold (UVLO)
Rising
Falling
Hysteresis
VUVLOR
VUVLOF
VUVLOHY
7.0
6.0
—
8.0
7.0
1.0
9.0
8.0
—
V
UNDERVOLTAGE CONTROL
UV Threshold (Default)
Rising
Falling
Hysteresis
VUV(ON)
VUV(OFF)
VUVHY
—
—
—
38
37
1.0
—
—
—
V
OVERVOLTAGE CONTROL
OV Threshold (Default)
Rising
Falling
Hysteresis
VOV(OFF)
VOV(ON)
VOVHY
—
—
—
78
76
2.0
—
—
—
V
DISABLE INPUT CONTROL PIN (DISABLE) (12)
DISABLE Input Voltage
Inactive State
Active State, Positive Signal
Active State, Negative Signal
VDISL
VDISHP
VDISHN
VPWR - 1.2
VPWR + 2.0
—
—
—
—
VPWR + 1.2
—
VPWR - 2.0
V
DISABLE Input Current
VDIS = VPWR + 3.3 V
VDIS = VPWR - 3.3 V
VDIS = VIN
IDIS
20
-20
-50
60
-60
-150
140
-140
-250
µA
Notes
11.
The supply current depends on operation mode and can be calculated as follows:
•Start-Up Mode: IIN = 539 µA + 548 µ * ICHG(A) + 216 µ * ILIM(A) + VPWR(V) / 460(kΩ)
•Normal Mode: IIN = 539 µA + 240 µ * ILIM(A) + 288 µ * ILOAD(A) + VPWR(V) / 460(kΩ)
•Overcurrent Mode: IIN = 539 µA + 612 µ * ILIM(A) + VPWR(V) / 460(kΩ)
•Disable Mode: IIN = 539 µA + 240 µ * ILIM(A) + IDIS(µA) + VPWR(V) / 460(kΩ)
12.
Referenced to VPWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com