Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W528S50 Datasheet(PDF) 4 Page - Winbond

Part # W528S50
Description  ADPCM VOICE SYNTHESIZER(PowerSpeech)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W528S50 Datasheet(HTML) 4 Page - Winbond

  W528S50 Datasheet HTML 1Page - Winbond W528S50 Datasheet HTML 2Page - Winbond W528S50 Datasheet HTML 3Page - Winbond W528S50 Datasheet HTML 4Page - Winbond W528S50 Datasheet HTML 5Page - Winbond W528S50 Datasheet HTML 6Page - Winbond W528S50 Datasheet HTML 7Page - Winbond W528S50 Datasheet HTML 8Page - Winbond W528S50 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
W528SXX
- 4 -
BLOCK DIAGRAM
OSC
TIMING
GENERATOR
DATA ROM
TG1
TG2
TG3
LED1
TG4/LED2/STPC
CONTROLLER
COUNTER
REGISTER
STPA
STPB
SYNTHESIZER
ADPCM
CONVERTER
REGISTER
SPK
& SHIFT
SHIFT
D/A
V
V
*TEST1
DD
SS
*TEST2
*TEST3
TEST4
* These pins only exist in W528S15~60.
FUNCTIONAL DESCRIPTION
The W528Sxx family provides up to four direct trigger pins, which can be extended to eight or twelve
matrix trigger inputs, up to three stop signal output pins, an LED section control, and powerful
programmable features. The JUMP and LOAD commands and four programmable registers can be
used to program the desired playing mode, stop output signal form, LED flash type, and trigger pin
interrupt modes.
The chip's programmable features can also be used to develop new, customized functions for a wide
variety of innovative applications.
A. Instruction Set Description
This section describes three types of instructions:
• Unconditional instructions, which are executed immediately after they are issued.
• Conditional instructions, which are executed only when the conditions specified in the instructions
are satisfied.
• END instruction, which is used to stop all device activity.
Instructions are programmed by writing LOAD and JUMP commands into the R0, EN, STOP, and
MODE registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com