Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD502E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MTD502E
Description  2 Port 10M/100M Switch With Build_in Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTD502E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTD502E Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 8Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 9Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 10Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
MTD502E Revision 1.3 12/07/2000
MTD502E
MYSON
TECHNOLOGY
94
IO
FdCo0_D FdCo0_D FdCo0_D FdCo0_D Port0: FULL/COL LED display, low_active. *
when in full duplex mode: this LED pin is always in
low_active.
when in half duplex mode: this LED pin present
port0’s collision event, using flash style for display.
95
IO
LnAc1_D LnAc1_D LnAc1_D LnAc1_D Port1: Link_Activity LED display, low_active. *
when in Link_On state : this LED pin is always in
low_active.
when have Tx or Rx activity in this port : this LED
pin present port1’s Tx/Rx activity, using flash style
for display.
96
IO
LnAc0_D LnAc0_D LnAc0_D LnAc0_D Port0: Link_Activity LED display, low_active. *
when in Link_On state : this LED pin is always in
low_active.
when have Tx or Rx activity in this port : this LED
pin present port0’s Tx/Rx activity, using flash style
for display.
97
IO
LnRx1_D LnRx1_D LnRx1_D LnRx1_D Port1: Link_Rx LED display, low_active. *
when in Link_On state : this LED pin is always in
low_active.
when have Rx activity in this port : this LED pin
present port1’s Rx activity, using flash style for dis-
play.
98
IO
LnRx0_D LnRx0_D LnRx0_D LnRx0_D Port0: Link_Rx LED display, low_active. *
when in Link_On state : this LED pin is always in
low_active.
when have Rx activity in this port : this LED pin
present port0’s Rx activity, using flash style for dis-
play.
99~102
IO
(NC)
(NC)
(NC)
(NC)
103
VCC
104
IO
(NC)
(NC)
(NC)
(NC)
105
GND
106~110
IO
(NC)
(NC)
(NC)
(NC)
111
IO
(NC)
P0MDIO
(NC)
P0MDIO
112
IO
(NC)
P0MDC
(NC)
P0MDC
113
IO
(NC)
(NC)
(NC)
(NC)
114
IO
CLK25O CLK25O CLK25O CLK25O clock 25Mhz output.
115~116
IO
(NC)
(NC)
(NC)
(NC)
117
GND
118~120
IO
(NC)
(NC)
(NC)
(NC)
121
VCC
122
I
SYSCLK SYSCLK SYSCLK SYSCLK system clock input, 50Mhz operation.
123
GND
MTD502EF (128PQFP) Pin Definition Mapping Under Different Configurations
Pin No.
I/O
MII
mode
Phy_MII
mode
Rmii
mode
Phy_Rm
ii mode
Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com