Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT76C901 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT76C901
Description  Wireless VoIP Phone-based on the 802.11 Standard Processor AT76C901 Summary
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C901 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT76C901 Datasheet HTML 1Page - ATMEL Corporation AT76C901 Datasheet HTML 2Page - ATMEL Corporation AT76C901 Datasheet HTML 3Page - ATMEL Corporation AT76C901 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1652AS–VoIP–06/04
Note: This is a summary datasheet. A complete document is available
under NDA. For more information, please contact your local Atmel Sales
Office.
Features
• ARM7TDMI® Core for Implementing Call Control Protocols (SIP, H.323,
MGCP/MEGACO) TCP/IP and Controlling the Phone Functions
• Internal 8-Kbyte Program and Data Cache Used for Fast Execution of the
Communications Protocols and RTOS with Reduced Power Consumption
• 16-bit DSP for Implementing the G.723.1, G.729ab, and G.711 Standards, in Addition to
Acoustic Echo Cancellation
• Integrated Audio Codec with Both Main and Auxiliary Paths
• Wireless Interface Following the IEEE 802.11b Standard
• Wireless LAN MAC Unit with ARM7TDMI RISC Processor
• Glueless External Memory Interface Supporting Up to 16 Mbytes of External
SRAM/Flash and 32 Mbytes of SDRAM
• Glueless Interface to 11 Mbps External 802.11-based Baseband Processor
• Enciphering/Deciphering of Wireless Data On-the-fly, by the Implementation of the RC4
Code Ensures Maximum Privacy of Data
• Supports 11 Mbps Rates with Automatic Fallback to 5.5, 2, and 1 Mbps
• USB Slave Interface (Control, Interrupt, Bulk-in, and Bulk-out Endpoints)
• Analog-to-Digital Converter with Up to 400K Samples/Sec on Two Input Channels
• One USART and One UART
• Serial Peripheral Interface (SPI)
• 64-key Keyboard Interface
• 4 x 4 LED Matrix Controller
• Minimum of 13 GPIO Pins (More are Available Based on Configuration)
• 217-pin PBGA Package
• Low-voltage 3.3 V Operation
Figure 1. Typical Application Using The AT76C901
Peripherals
Audio Codec
DSP
802.11
Interface
- Battery Management
- Voltage Regulation
- LCD Bias
- Other Phone ASICs
ARM7TDMI
Subsystem
Radio
Circuitry
Flash
SRAM
Keyboard
Buzzer
LED
LCD
TWI Bus
Audio to Headset
Serial Port
Accessory Controls
Battery Charge Voltage
Speaker
Microphone
AT76C901
External
Bus
Interface
ARM7TDMI
802.11 MAC
Protocol Handing
Control
Wireless VoIP
Phone-based
on the 802.11
Standard
Processor
AT76C901
Summary


Similar Part No. - AT76C901

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C902 ATMEL-AT76C902 Datasheet
63Kb / 3P
Wireless VoIP Processor Implementing the 802.11 Standard
More results

Similar Description - AT76C901

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C902 ATMEL-AT76C902 Datasheet
63Kb / 3P
Wireless VoIP Processor Implementing the 802.11 Standard
logo
Broadcom Corporation.
BCM1161 BOARDCOM-BCM1161 Datasheet
170Kb / 2P
MOBILE VOIP PROCESSOR
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-ICB010V1 STMICROELECTRONICS-STEVAL-ICB010V1 Datasheet
242Kb / 4P
AirNavigationPad based on the STM8T143, STM32F103
02-Feb-2012
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
logo
Level One
VOI-7000 LVL1-VOI-7000 Datasheet
222Kb / 3P
SIP VoIP Phone
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
STEVAL-ISB039V1T STMICROELECTRONICS-STEVAL-ISB039V1T Datasheet
394Kb / 6P
1 W Wireless power transmitter based on STM32F0
05-Aug-2016
logo
NXP Semiconductors
IMX7ULPWSG NXP-IMX7ULPWSG Datasheet
7Mb / 12P
Based on the i.MX 7ULP Applications Processor
2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com